Electronic Components Datasheet Search
  English  ▼

X  

LE150S70CD Datasheet(PDF) 3 Page - SL Power Electronics

Part # LE150S70CD
Description  150W Single Output LED Driver Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LE150S70CD Datasheet(HTML) 3 Page - SL Power Electronics

  LE150S70CD Datasheet HTML 1Page - SL Power Electronics LE150S70CD Datasheet HTML 2Page - SL Power Electronics LE150S70CD Datasheet HTML 3Page - SL Power Electronics LE150S70CD Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LE150S-CD
150W Single Output
LED Driver Series
www.slpower.com
LE150S-CD, 15-APRIL-13
3
Dimming Control
The dimming function shown below uses an internal pull-up resistor, with the output at full load when the dimming leads are not connected (floated).
Parameters:
Parameter
Min.
Typ.
Max.
Notes
10V Output Voltage
9.8V
10V
10.2V
10V Output Source Current
0mA
-
10mA
Absolute Max. Voltage on the 1-10V input
-2V
-
12V
Source Current on the 1-10V input
0mA
-
1mA
Value of Rin (resistor inside the LED Driver, which is located
between the 1-10V input and 10V output
19.8K
20K
20.2K



Html Pages

1 2 3 4