Electronic Components Datasheet Search
  English  ▼

X  

LU500 Datasheet(PDF) 1 Page - SL Power Electronics

Part # LU500
Description  500W Single Output LED Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LU500 Datasheet(HTML) 1 Page - SL Power Electronics

  LU500 Datasheet HTML 1Page - SL Power Electronics LU500 Datasheet HTML 2Page - SL Power Electronics LU500 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LU500
500W Single Output
LED Series
www.slpower.com
LU500 REV 10.0, 10-07-15
1
Features
4” X 7.25” X 2.2” Package
Up to 500W w/air
Universal Input 90 to 305Vac
Active current share
Class I Input
Approved to EN60950 2nd Edition
93% Efficiency @ 230V Input, 92% @ 115V Input
3 Year Warranty
Description
A superior performance 500 Watt AC to DC power supply designed for LED applications. Highly efficient, LU500 product
family has active current share for redundant applications. All models are CE marked to low voltage directive and
approved to EN60950 2
nd edition.
Model Selection
Model
Ripple &
Total
Total
Number
1
Volts
w/200LFM air
Noise
2
Regulation
OVP
Threshold
LU500S12T
12V
34A
1.5%
±2%
13.8.± 1.0V
LU500S24T
24V
20.8A
1%
±2%
27.6 ± 1.0V
LU500S48T
3
48V
10.4A
1%
±2%
55.5 ± 2.0V
Notes:
1)Input Connector: “T” = Terminal Block and replace with “E” = 3pin Molex
2) Measured with noise probe directly across output terminals with 0.1µF ceramic and 10µF low ESR capacitors.
For main output load of less than 5%, total noise & ripple will increase to 2%.
3) Consult the factory for availability
General Specifications
AC Input
90-305Vac, 47-63Hz
DC input127–380Vdc (External fuse required.
Not Safety Approved)
Power supply is protected against brown out
condition
Turn On Time
<500mS @115Vac
Input Current
115Vac: 5A, 230Vac: 2.5A, 277Vac: 2.1A
Hold-up Time
16 mS minimum at full load & 100 Vac input.
Measured from 100% to 90% of output voltage.
Inrush Current
277Vac, cold start: will not exceed 70A
Power Factor
Correction
Meets EN61000-3-2, Class A, C, and D
Input Fuses
F1, T10A, 500Vac, provided on all models
Overload
Protection
Main Output
120% to 140% of current rating, Hiccup Mode


Similar Part No. - LU500

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LU500Z SEOUL-LU500Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LU500

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-500 TOTAL-POWER-SP-500 Datasheet
382Kb / 2P
500W Single Output with PFC Function
logo
Mean Well Enterprises C...
PSP-500 MEANWELL-PSP-500 Datasheet
372Kb / 2P
500W Single Output with PFC Function
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
500W Single Output DC-DC Converter
SP-500 MEANWELL-SP-500 Datasheet
334Kb / 2P
500W Single Output with PFC Function
USP-500 MEANWELL-USP-500_10 Datasheet
326Kb / 4P
500W Single Output with PFC Function
logo
TDK Electronics
GWS TDK-GWS Datasheet
320Kb / 2P
Single Output 250 & 500W Power Supplies
logo
Mean Well Enterprises C...
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
500W Single Output DC-DC Converter
logo
SL Power Electronics
MINT1500 SLPOWER-MINT1500 Datasheet
466Kb / 7P
500W Single Output
MINT1500B SLPOWER-MINT1500B Datasheet
464Kb / 6P
500W Single Output LED Series
logo
Astrodyne Corporation
SD500 ASTRODYNE-SD500 Datasheet
935Kb / 6P
500W Single Output DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com