Electronic Components Datasheet Search
  English  ▼

X  

BFS17W Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFS17W
Description  NPN Silicon RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS17W Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFS17W Datasheet HTML 1Page - Infineon Technologies AG BFS17W Datasheet HTML 2Page - Infineon Technologies AG BFS17W Datasheet HTML 3Page - Infineon Technologies AG BFS17W Datasheet HTML 4Page - Infineon Technologies AG BFS17W Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BFS17W
Jul-13-2001
5
Collector-base capacitance
Ccb = f (VCB)
f = 1MHz
0
4
8
12
16
20
V
26
VCB
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
pF
1.3
Transition frequency
fT = f (IC)
VCE = Parameter
0
5
10
15
20
mA
30
IC
0.0
0.5
1.0
1.5
2.0
GHz
3.0
10V
5V
3V
2V
1V
0.7V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com