Electronic Components Datasheet Search
  English  ▼

X  

BFS460L6 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFS460L6
Description  NPN Silicon RF TWIN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS460L6 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFS460L6 Datasheet HTML 1Page - Infineon Technologies AG BFS460L6 Datasheet HTML 2Page - Infineon Technologies AG BFS460L6 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BFS460L6
Jun-15-2004
1
NPN Silicon RF TWIN Transistor
• High fT of 22 GHz
• For low voltage / low current applications
• Ideal for VCO modules and low noise amplifiers
• Low noise figure: 1.1 dB at 1.8 GHz
• World's smallest SMD 6-pin leadless package
• Excellent ESD performance
• Built in 2 transistors (TR1, TR2: die as BFR460L3)
* Short-term description
1
2
3
4
5
6
T R 1
T R 2
1
2
3
4
5
6
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFS460L6
AB
1=C1 2=E1 3=C2 4=B2 5=E2 6=B1 TSLP-6-1
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
TA > 0 °C
TA ≤ 0 °C
VCEO
4.5
4.2
V
Collector-emitter voltage
VCES
15
Collector-base voltage
VCBO
15
Emitter-base voltage
VEBO
1.5
Collector current
IC
50
mA
Base current
IB
5
Total power dissipation1)
TS ≤ 104°C
Ptot
200
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
-65 ... 150
Storage temperature
Tstg
-65 ... 150
1TS is measured on the collector lead at the soldering point to the pcb


Similar Part No. - BFS460L6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS466L6 INFINEON-BFS466L6 Datasheet
85Kb / 4P
NPN Silicon RF TWIN Transistor
Sep-01-2003
BFS466L6 INFINEON-BFS466L6 Datasheet
121Kb / 8P
NPN Silicon RF TWIN Transistor
2007-04-26
BFS466L6 INFINEON-BFS466L6_07 Datasheet
121Kb / 8P
NPN Silicon RF TWIN Transistor
2007-04-26
BFS469L6 INFINEON-BFS469L6 Datasheet
59Kb / 8P
NPN Silicon RF TWIN Transistor
2005-10-11
More results

Similar Description - BFS460L6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS469L6 INFINEON-BFS469L6 Datasheet
59Kb / 8P
NPN Silicon RF TWIN Transistor
2005-10-11
logo
California Eastern Labs
UPA862TD CEL-UPA862TD Datasheet
291Kb / 12P
NPN SILICON RF TWIN TRANSISTOR
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
NPN SILICON RF TWIN TRANSISTOR
logo
Infineon Technologies A...
BFS466L6 INFINEON-BFS466L6_07 Datasheet
121Kb / 8P
NPN Silicon RF TWIN Transistor
2007-04-26
logo
Renesas Technology Corp
UPA810TC RENESAS-UPA810TC Datasheet
194Kb / 14P
NPN SILICON RF TWIN TRANSISTOR
1999
UPA828TD RENESAS-UPA828TD Datasheet
303Kb / 10P
NPN SILICON RF TWIN TRANSISTOR
2008
UPA831TD RENESAS-UPA831TD Datasheet
273Kb / 8P
NPN SILICON RF TWIN TRANSISTOR
2004
UPA873TS RENESAS-UPA873TS Datasheet
206Kb / 9P
NPN SILICON RF TWIN TRANSISTOR
2003
UPA892TD RENESAS-UPA892TD Datasheet
266Kb / 18P
NPN SILICON RF TWIN TRANSISTOR
2001
UPA895TS RENESAS-UPA895TS Datasheet
206Kb / 9P
NPN SILICON RF TWIN TRANSISTOR
2003
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com