Electronic Components Datasheet Search
  English  ▼

X  

BFS466L6 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFS466L6
Description  NPN Silicon RF TWIN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS466L6 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFS466L6 Datasheet HTML 1Page - Infineon Technologies AG BFS466L6 Datasheet HTML 2Page - Infineon Technologies AG BFS466L6 Datasheet HTML 3Page - Infineon Technologies AG BFS466L6 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sep-01-2003
4
BFS466L6
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics (verified by random sampling)
Noise figure
TR1, IC=5mA, VCE = 3 V, f = 1.8 GHz, ZS = ZSopt
TR1, IC=5mA, VCE = 3 V, f = 3 GHz, ZS = ZSopt
TR2, IC=3mA, VCE = 3 V, f = 1.8 GHz, ZS = ZSopt
TR2, IC=3mA, VCE = 3 V, f = 3 GHz, ZS = ZSopt
F
-
-
-
-
1.1
1.4
1
1.4
-
-
-
-
dB
Power gain, maximum available1)
TR1, IC = 20 mA, VCE = 3 V, ZS=ZSopt, ZL=ZLopt,
f
= 1.8 GHz
TR1, IC = 20 mA, VCE = 3 V, ZS=ZSopt, ZL=ZLopt,
f
= 3 GHz
TR2, IC = 15 mA, VCE = 3 V, ZS=ZSopt, ZL=ZLopt,
f
= 1.8 GHz
TR2, IC = 15 mA, VCE = 3 V, ZS=ZSopt, ZL=ZLopt,
f
= 3 GHz
Gma
-
-
-
-
14.5
10
14.5
10
-
-
-
-
Transducer gain
TR1, IC = 20 mA, VCE = 3 V, ZS = ZL = 50Ω,
f
= 1.8GHz
TR1, IC = 20 mA, VCE = 3 V, ZS = ZL = 50Ω,
f
= 3GHz
TR2, IC = 15 mA, VCE = 3 V, ZS = ZL = 50Ω,
f
= 1.8GHz
TR2, IC = 15 mA, VCE = 3 V, ZS = ZL = 50Ω,
f
= 3GHz
|S21e|2
-
-
-
-
12.5
9
12.5
8.5
-
-
-
-
Third order intercept point at output2)
TR1, VCE=3V, IC=20mA, ZS=ZL=50Ω, f=1.8GHz
TR2, VCE=3V, IC=15mA, ZS=ZL=50Ω, f=1.8GHz
IP3
-
-
28
24.5
-
-
dBm
1dB Compression point, at output
TR1, IC=20mA, VCE=3V, ZS=ZL=50Ω, f=1.8GHz
TR1, IC=15mA, VCE=3V, ZS=ZL=50Ω, f=1.8GHz
P-1dB
-
-
12
9
-
-
1Gma = |S21e / S12e| (k-(k²-1)1/2)
2IP3 value depends on termination of all intermodulation frequency components.
Termination used for this measurement is 50
Ω from 0.1 MHz to 6 GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com