Electronic Components Datasheet Search
  English  ▼

X  

DLP2010 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2010
Description  WVGA DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2010 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP2010 Datasheet HTML 9Page - Texas Instruments DLP2010 Datasheet HTML 10Page - Texas Instruments DLP2010 Datasheet HTML 11Page - Texas Instruments DLP2010 Datasheet HTML 12Page - Texas Instruments DLP2010 Datasheet HTML 13Page - Texas Instruments DLP2010 Datasheet HTML 14Page - Texas Instruments DLP2010 Datasheet HTML 15Page - Texas Instruments DLP2010 Datasheet HTML 16Page - Texas Instruments DLP2010 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
50%
50%
50%
tc
DCLK _ N
DCLK _ P
D_N(0:3)
D_P (0:3)
50%
50%
tw(L)
tw(H)
th
tsu
twindow
LS_WDATA
LS_CLK
tSU
tH
tWINDOW
VIH MIN
VIL MAX
Midpoint
VIH MIN
VIL MAX
Midpoint
tSU
tH
tWINDOW
VIH MIN
VIL MAX
Midpoint
VIH MIN
VIL MAX
Midpoint
LS_WDATA
LS_CLK
tDERATING
DLP2010
www.ti.com
DLPS046A – JULY 2014 – REVISED APRIL 2015
Figure 5. Window Time Derating Concept
Figure 6. SubLVDS Switching Parameters
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DLP2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com