Electronic Components Datasheet Search
  English  ▼

X  

BFS483 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFS483
Description  NPN Silicon RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFS483 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFS483 Datasheet HTML 1Page - Infineon Technologies AG BFS483 Datasheet HTML 2Page - Infineon Technologies AG BFS483 Datasheet HTML 3Page - Infineon Technologies AG BFS483 Datasheet HTML 4Page - Infineon Technologies AG BFS483 Datasheet HTML 5Page - Infineon Technologies AG BFS483 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BFS483
5
Jun-27-2001
Collector-base capacitance
Ccb = f (VCB)
f = 1MHz
0
4
8
12
16
V
22
VCB
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
pF
1.0
Transition frequency
fT = f (IC)
VCE = Parameter
0
10
20
30
40
50
60 mA
75
IC
0
1
2
3
4
5
6
GHZ
8
8V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
10
20
30
40
50
60 mA
75
IC
0
2
4
6
8
10
12
14
16
dB
20
8V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
10
20
30
40
50
60 mA
75
IC
0
2
4
6
8
10
dB
14
8V
5V
3V
2V
1V
0.7V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com