Electronic Components Datasheet Search
  English  ▼

X  

DLPA2005 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005
Description  Power Management and LED/Lamp Driver IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2005 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPA2005 Datasheet HTML 17Page - Texas Instruments DLPA2005 Datasheet HTML 18Page - Texas Instruments DLPA2005 Datasheet HTML 19Page - Texas Instruments DLPA2005 Datasheet HTML 20Page - Texas Instruments DLPA2005 Datasheet HTML 21Page - Texas Instruments DLPA2005 Datasheet HTML 22Page - Texas Instruments DLPA2005 Datasheet HTML 23Page - Texas Instruments DLPA2005 Datasheet HTML 24Page - Texas Instruments DLPA2005 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
From light sensor
From host
From temperature sensor
To host
SW4
SW5
SENS1
VINA/3
VLED/3
SENS2
CMP_OUT
PWM_IN
AFE_SEL[3:0]
AFE_GAIN [1:0]
AFE
MUX
DLPA2005
www.ti.com
DLPS047B – SEPTEMBER 2014 – REVISED OCTOBER 2015
7.3.9 Measurement System
The measurement system is composed of a 10:1 analog multiplexer (MUX), a programmable-gain amplifier, and
a comparator. It works together with the DPP processor to provide:
•
White-point correction (WPC) by independently adjusting the RGB LED currents after measuring the
brightness of each color with an external light sensor
•
A measurement of the:
–
Battery voltage
–
LED forward voltage
–
Exact LED current
–
Temperature as derived by measuring the voltage across an external thermistor
Figure 10 shows a block diagram of the measurement system.
Figure 10. Block Diagram of the Measurement System
Table 2. Recommended Configuration of the AFE for Different Input Selections
RECOMMENDED GAIN SETTING
RECOMMENDED SETTING OF
AFE_SEL[3:0]
SELECTED INPUT
AFE-GAIN[1:0]
AFE_CAL_DIS BIT
0x00h
SENS2
0x01h (1x)
Setting has no effect on measurement
0x01h
VLED
0x01h (1x)
Setting has no effect on measurement
0x02h
VINA
0x01h (1x)
Setting has no effect on measurement
0x03h
SENS1
0x01h (1x)
Setting has no effect on measurement
Set to 1 if sense voltage is >100 mV.
0x04h
RLIM_K
0x03h (18x)
Otherwise set to 0 (default)
Set to 1 if sense voltage is >200 mV.
0x05h
SW4
0x02h (9.5x)
Otherwise set to 0 (default)
Set to 1 if sense voltage is >200 mV.
0x06h
SW5
0x02h (9.5x)
Otherwise set to 0 (default)
Set to 1 if sense voltage is >200 mV.
0x07h
SW6
0x02h (9.5x)
Otherwise set to 0 (default)
0x08h
No connect
N/A
N/A
0x09h
VREF
0x01h (1x)
Setting has no effect on measurement
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DLPA2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com