Electronic Components Datasheet Search
  English  ▼

X  

UG-802 Datasheet(PDF) 17 Page - Analog Devices

Part # UG-802
Description  EV-ADF5355SD1Z User Guide
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-802 Datasheet(HTML) 17 Page - Analog Devices

Back Button UG-802 Datasheet HTML 11Page - Analog Devices UG-802 Datasheet HTML 12Page - Analog Devices UG-802 Datasheet HTML 13Page - Analog Devices UG-802 Datasheet HTML 14Page - Analog Devices UG-802 Datasheet HTML 15Page - Analog Devices UG-802 Datasheet HTML 16Page - Analog Devices UG-802 Datasheet HTML 17Page - Analog Devices UG-802 Datasheet HTML 18Page - Analog Devices UG-802 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
EV-ADF5355SD1Z User Guide
UG-802
Rev. B | Page 17 of 19
ORDERING INFORMATION
BILL OF MATERIALS
Table 1.
Reference Designator
Description
Value
Manufacturer
Part Number
C1, C2, C7, C8, C10, C11,
C16, C20, C22
Ceramic multilayer capacitor, X5R
10 μF
TDK
C2012X5R1E106K085AC
C9, C12, C21, C47
Ceramic capacitor, X7R
1 μF
Allied
Electronics
0603YC105KAT2A
C4, C5, C13, C14, C18, C24
Ceramic capacitor, X8R
1 μF
TDK
C2012X8R1C105K125AB
C17
Ceramic capacitor, X5R
4.7 μF
TDK
C1608X5R1C475K080AC
C19
Ceramic capacitor, X5R
10 μF
TDK
C1608X5R1A106M080AC
C25, C28, C29, C31, C34, C37,
C38, C43, C46, C48, C54
RF/microwave capacitor, C0G
10 pF
Allied
Electronics
04025U100GAT2A
C27, C30, C32, C36,
C39 to C42
Ceramic capacitor, C0G, 0402
1000 pF
Murata
GRM1555C1H102JA01
C3, C6, C51
Ceramic chip capacitor, RF
10 pF
Allied
Electronics
0201ZK100GBSTR
C26, C33, C35, C45, C50,
C53, C55, C58
Ceramic capacitor, X7R
0.1 μF
KEMET
C0402C104K4RACTU
C44
Ceramic capacitor, NP0
100 pF
Yageo
2238 867 15101
C56, C57
Ceramic capacitor, C0G, 0402
120 pF
Murata
GRM1555C1H121JA01
C59
Ceramic capacitor, Y5V
0.47 μF
Murata
GRM188F51C474ZA01D
C60
Ceramic capacitor
22 nF
Allied
Electronics
0603YC223KAT2A
C61
Ceramic capacitor, X7R
10,000 pF
Yageo
CC0603KRX7R9BB103
C71
Solid tantalum electrolytic capacitor
22 μF
Allied
Electronics
TCJC226M025R0100
C73
Chip capacitor, C0G, 0603
10 pF
Murata
GRM1885C1H100JA01D
C74 to C76
Tantalum chip capacitor
100 μF
Allied
Electronics
TAJB107K006R
CVP, CVRF, CAVDD, CDVDD,
CVRF1, CVVCO, CVRVCO
Tantalum capacitor surface-mount device
(SMD)
22 μF
Allied
Electronics
TAJB226K016R
CN1
Connector printed circuit board (PCB),
vertical type receptacle SMD
HIROSE
FX8-120S-SV(21)
DS1, LED1
LED, 570 nm, SMD (green)
Avago
Technologies
HSMG-C170
GND
Connector PCB, single socket (black)
Del-Tron
Precision, Inc.
571-0100
L1, L2
Inductor chip
7.4 nH
Coilcraft
0302CS-7N4XJLU
SCL, SDA, TP1 to TP6, PDRF,
TP_VP, MUXOUT, TP_VRF,
TP_DVDD, TP_VRF1,
TP_VVCO, TP_+3.3V,
TP_AVDD1, TP_AVDD2
Connector PCB, test point (yellow)
Components
Corporation
TP-104-01-04
P3
Connector PCB, Header 3
Molex
22-28-4033
R1, R4, R5, R12, R21, RV1 to
RV3, RV6 to RV9, R3V3,
RV11, RV12, RV14 to RV16,
RV18 to RV20, RV25 to
RV27, RV29 to RV31,
RMUXOUT
Film SMD resistor, 0603
0 Ω
Multicomp
MC0603WG00000T5E-TC
R11, R16, RMUX, RCPOUT,
R_VREGVCO
Resistor thick film chip
0 Ω
Multicomp
0402WGF0000TCE
R14
Film SMD resistor, 0603
220 Ω
Multicomp
MC 0.063W 0603 1%
220R
R17
Film SMD resistor, 0603
470 Ω
Multicomp
MC 0.063W 0603 1%
470R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com