Electronic Components Datasheet Search
  English  ▼

X  

M37733EHBFS Datasheet(PDF) 31 Page - Mitsubishi Electric Semiconductor

Part # M37733EHBFS
Description  PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37733EHBFS Datasheet(HTML) 31 Page - Mitsubishi Electric Semiconductor

Back Button M37733EHBFS Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 34Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
7700 FAMILY WRITING TO PROM ORDER CONFIRMATION FORM
SINGLE-CHIP 16-BIT MICROCOMPUTER
M37733EHBXXXFP
MITSUBISHI ELECTRIC
Date:
GZZ–SH00–80B<84A0>
(
)
Note : Please fill in all items marked
Customer
ROM number
Supervisor
Company
name
Date
issued
Date:
TEL
1. Confirmation
Specify the name of the product being ordered and the type of EPROMs submitted.
Three sets of EPROMs are required for each pattern.
If at least two of the three sets of EPROMs submitted contain the identical data, we will produce writing to PROM based on this
data. We shall assume the responsibility for errors only if the written PROM data on the products we produce differ from this data.
Thus, the customer must be especially careful in verifying the data contained in the EPROMs submitted.
Checksum code for entire EPROM areas
EPROM Type :
(1) Set “FF16” in the shaded area.
(2) Address 016 to 0F16 are the area for storing the data on
model designation.This area must be written with the data
shown below.
Address and data are written in hexadecimal notation.
0
3
7
5
2
F
A
E
C
B
(hexadecimal notation)
27C201
128K
3FFFF
DATA
Address
Address
9
8
D
4
1
6
Responsible
officer
Section head
signature
Supervisor
signature
4D
33
37
37
33
45
48
33
42
FF
FF
FF
FF
FF
FF
FF
00000
00010
20000
Note : Make sure that address 01FFFF16
of the microcomputer’s internal
ROM corresponds to address
3FFFF16 of EPROM.
2. Mark specification
Mark specification must be submitted using the correct form for the type of package being ordered fill out the appropriate
80P6N Mark Specification Form (for M37733EHBXXXFP) and attach to the Writing to PROM Order Confirmation Form.
3. Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com