Electronic Components Datasheet Search
  English  ▼

X  

BGA427 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BGA427
Description  Si-MMIC-Amplifier in SIEGET 25-Technologie
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA427 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BGA427 Datasheet HTML 1Page - Infineon Technologies AG BGA427 Datasheet HTML 2Page - Infineon Technologies AG BGA427 Datasheet HTML 3Page - Infineon Technologies AG BGA427 Datasheet HTML 4Page - Infineon Technologies AG BGA427 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BGA427
Aug-02-2001
2
Electrical Characteristics at TA = 25 °C, unless otherwise specified.
Parameter
Symbol
Unit
Values
typ.
max.
min.
AC characteristics VD = 3 V, Zo = 50, Testfixture Appl.1
|S21|2
-
-
-
Insertion power gain
f = 0.1 GHz
f = 1 GHz
f = 1.8 GHz
27
22
18.5
-
-
-
dB
Reverse isolation
f = 1.8 GHz
S12
-
22
-
Noise figure
f = 0.1 GHz
f = 1 GHz
f = 1.8 GHz
-
-
-
-
-
-
1.9
2
2.2
NF
Intercept point at the output
f = 1.8 GHz
IP3out
-
+ 7
-
dBm
Return loss input
f = 1.8 GHz
RLin
-
>12
-
dB
Return loss output
f = 1.8 GHz
RLout
-
>9
-
Typical configuration
Appl.2
Appl.1
EHA07379
100 pF
100 pF
1 nF
RF OUT
RF IN
GND
+V
BGA 427
EHA07380
2.2 pF
100 pF
RF IN
100 pF
GND
RF OUT
100 nH
10 nF
100 pF
+V
BGA 427
Note: 1) Large-value capacitors should be connected from pin 3 to ground right at the device
to provide a low impedance path (appl.1).
2) The use of plated through holes right at pin 2 is essential for pc-board-applications. Thin
boards are recommended to minimize the parasitic inductance to ground.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com