Electronic Components Datasheet Search
  English  ▼

X  

SCTA Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCTA
Description  Spring Contact(micro clip)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCTA Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCTA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spring Contact (micro clip)
SCTA Series
●Specification indicated in this catalog is outline only. When
employing the product,use of an officially authorized specification
for supply contract is recommended. ●Please note that the colors
of products shown in this catalog may b e a lit tl e diffe re nt f rom
thos e of the ac tual pro duc t s . ●Names for p ro duc t s an d
comp anies an d titl es of specifications indicated in this catalog
are mostly trademarks or registered trademarks of their respective
owners. ●Please contact us for any enquiries and queries on our
products and their uses. ●This catalog is valid till the end of
December 2015.
●For the export of products which are controlled items subject to foreign and domestic export laws and regulations, you must obtain approval and/or follow the
formalities of such laws and regulations. ●Products must not be used for military and/or antisocial purposes such as terrorism, and shall not be supplied to any party
intending to use the products for such purposes. ●Unless provided for otherwise, the products have been designed and manufactured for application in equipment
and devices which are sold to end users in the market, including audio-visual (AV) equipment, electrical home appliances, office machines, information and
communication equipment, and amusement equipment. The products are not intended for use in, and must not be used for, any application for nuclear equipment,
driving equipment for aerospace or any other unauthorized use. With the exception of the abovementioned prohibited applications, please contact an Alps sales
representative and/or evaluate the total system regarding applicability for applications involving high levels of safety and liability such as medical equipment, burglar
alarm equipment, disaster prevention equipment and undersea equipment. Please also incorporate fail-safe design, protection and redundant circuitry, malfunction
protection, and/or fire protection into the complete system to ensure safety and reliability of the total system. ●Before using products which were not specifically
designed for use in automotive applications, please contact an Alps sales representative.
Precautions when handling our products
Cautions for using this catalog
Inquiries about this product
■
Product Information Center +81 (3) 5499-8154
■
Product Information URL http://www.alps.com/products/e/
Compact, low-profile spring contact (micro clip)
with the industrys smallest mounting area
Typical Specifications
Dimensions
Unit : mm
Features
Applications
● Compact, space-saving size of 1.4×1.4mm and low height
● Unique spring construction realizes high resilience to vibration and impacts, ensuring
high contact reliability
● Square shape means orientation is not a concern during mounting, allowing flexible
arrangement (e.g. arrays)
● Supports 3A current despite compact dimensions
● Shape prevents catching on fingers, improving robustness during the assembly process
● Smartphones, wearable electronics and other compact mobile devices
● Digital cameras, game consoles and other consumer electronics
● Testing instruments and other industrial equipment
※According to Alps Electric research as of February 2015
※
Dimensions(W×D)
Height in use
Travel
Rated current
Operating temperature range
3 A
-30 to +85℃
1.4 × 1.4 mm
0.7 - 1.0 mm(Alps recommendation)
0.5 mm
Specifications
Items
Full scale
Maginified view (x10)
1.4
A
B
C


Similar Part No. - SCTA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCTA-B ALPS-SCTA-B Datasheet
1Mb / 1P
Ideal for RF antennas requiring excellent high-frequency performance
logo
NTE Electronics
SCTA.B.C.D.H101K10 NTE-SCTA.B.C.D.H101K10 Datasheet
15Kb / 1P
SURFACE MOUNT TANTALUM
SCTA.B.C.D.H101K16 NTE-SCTA.B.C.D.H101K16 Datasheet
15Kb / 1P
SURFACE MOUNT TANTALUM
SCTA.B.C.D.H101K20 NTE-SCTA.B.C.D.H101K20 Datasheet
15Kb / 1P
SURFACE MOUNT TANTALUM
SCTA.B.C.D.H101K25 NTE-SCTA.B.C.D.H101K25 Datasheet
15Kb / 1P
SURFACE MOUNT TANTALUM
More results

Similar Description - SCTA

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CONT-JL05-12S-C1 JAE-CONT-JL05-12S-C1 Datasheet
63Kb / 1P
SPRING SOCKET CONTACT
logo
Molex Electronics Ltd.
0943285001 MOLEX11-0943285001 Datasheet
76Kb / 2P
SMT, Micro Spring Contact for Board to Board Connection
logo
Wurth Elektronik GmbH &...
7427700 WURTH-7427700 Datasheet
36Kb / 1P
Plastic Spring Clip
74277004 WURTH-74277004 Datasheet
36Kb / 1P
Plastic Spring Clip
74277005 WURTH-74277005 Datasheet
36Kb / 1P
Metal Spring Clip
74277006 WURTH-74277006 Datasheet
35Kb / 1P
Metal Spring Clip
logo
List of Unclassifed Man...
561-SCP375132 ETC2-561-SCP375132 Datasheet
179Kb / 2P
Spring Clip
logo
Molex Electronics Ltd.
PS-105384-001 MOLEX-PS-105384-001 Datasheet
185Kb / 4P
CONTACT SPRING
2015/11/09
PS-105439-001 MOLEX-PS-105439-001 Datasheet
139Kb / 5P
CONTACT SPRING
2015/03/30
logo
Precid-Dip Durtal SA
0900-1-CLIP PREDIP-0900-1-CLIP Datasheet
470Kb / 1P
Series 0900-CLIP High Reliability Spring Loaded Contact
Rev. P2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com