Electronic Components Datasheet Search
  English  ▼

X  

TS6001 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # TS6001
Description  Improved Electrical Performance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS6001 Datasheet(HTML) 2 Page - Silicon Laboratories

  TS6001 Datasheet HTML 1Page - Silicon Laboratories TS6001 Datasheet HTML 2Page - Silicon Laboratories TS6001 Datasheet HTML 3Page - Silicon Laboratories TS6001 Datasheet HTML 4Page - Silicon Laboratories TS6001 Datasheet HTML 5Page - Silicon Laboratories TS6001 Datasheet HTML 6Page - Silicon Laboratories TS6001 Datasheet HTML 7Page - Silicon Laboratories TS6001 Datasheet HTML 8Page - Silicon Laboratories TS6001 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TS6001
Page 2
TS6001 Rev. 1.0
ABSOLUTE MAXIMUM RATINGS
IN to GND................................................................. -0.3V to +13.5V
OUT to GND.................................................................... -0.3V to 7V
Short Circuit to GND or IN (VIN < 6V) .............................. Continuous
Output Short Circuit to GND or IN (VIN ≥ 6V) .............................. 60s
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT23 (Derate at 4.0mW/°C above +70°C)..........320mW
Operating Temperature Range................................. -40°C to +85°C
Storage Temperature Range.................................. -65°C to +150°C
Lead Temperature (Soldering, 10s)...................................... +300°C
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIERQUANTITY
TS6001AIG325
AAG
Tape
& Reel
-----
TS6001AIG325T
Tape
& Reel
3000
TS6001BIG325
AAH
Tape
& Reel
-----
TS6001BIG325T
Tape
& Reel
3000
Lead-free Program: Silicon Labs supplies only lead-free packaging.
Consult Silicon Labs for products specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com