Electronic Components Datasheet Search
  English  ▼

X  

TS9002 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # TS9002
Description  Low-Power Single/Dual-Supply Dual Comparator with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS9002 Datasheet(HTML) 2 Page - Silicon Laboratories

  TS9002 Datasheet HTML 1Page - Silicon Laboratories TS9002 Datasheet HTML 2Page - Silicon Laboratories TS9002 Datasheet HTML 3Page - Silicon Laboratories TS9002 Datasheet HTML 4Page - Silicon Laboratories TS9002 Datasheet HTML 5Page - Silicon Laboratories TS9002 Datasheet HTML 6Page - Silicon Laboratories TS9002 Datasheet HTML 7Page - Silicon Laboratories TS9002 Datasheet HTML 8Page - Silicon Laboratories TS9002 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TS9002
Page 2
TS9002 Rev. 1.0
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ to V-, V+ to GND, GND to V-)......-0.3V, +12V
Voltage Inputs
(IN+, IN-)..............................................(V+ + 0.3V) to (V- - 0.3V)
HYST…………………………………….(REF + 5V) to (V- - 0.3V)
Output Voltage
REF.....................................................(V+ + 0.3V) to (V- - 0.3V)
OUT ....................................................(V+ + 0.3V) to (V- - 0.3V)
Input Current (IN+, IN-, HYST)...............................................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin MSOP (derate 4.1mW/°C above +70°C) ................330mW
Operating Temperature Ranges..............................-40°C to +85°C
Storage Temperature Range ................................-65°C to +150°C
Lead Temperature (soldering, 10s) .....................................+300°C
Output Current
REF…………………………………………………………….20mA
OUT…………………………………………………………….40mA
Output Short-Circuit Duration (V+
≤ 5.5V) ...................Continuous
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TS9002IM8
TADG
Tube
50
TS9002IM8T
Tape
& Reel
2500
Lead-free Program: Silicon Labs supplies only lead-free packaging.
Consult Silicon Labs for products specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com