Electronic Components Datasheet Search
  English  ▼

X  

TSM9938F Datasheet(PDF) 9 Page - Silicon Laboratories

Part # TSM9938F
Description  SOT23 Precision Current-Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM9938F Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button TSM9938F Datasheet HTML 4Page - Silicon Laboratories TSM9938F Datasheet HTML 5Page - Silicon Laboratories TSM9938F Datasheet HTML 6Page - Silicon Laboratories TSM9938F Datasheet HTML 7Page - Silicon Laboratories TSM9938F Datasheet HTML 8Page - Silicon Laboratories TSM9938F Datasheet HTML 9Page - Silicon Laboratories TSM9938F Datasheet HTML 10Page - Silicon Laboratories TSM9938F Datasheet HTML 11Page - Silicon Laboratories TSM9938F Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TSM9938F
TSM9938F Rev. 1.0
Page 9
previously mentioned with large values of RSENSE.
4) Circuit Efficiency and Power Dissipation
IR losses in RSENSE can be large especially at high
load currents. It is important to select the smallest,
usable RSENSE value to minimize power dissipation
and to keep the physical size of RSENSE small. If
the external RSENSE is allowed to dissipate
significant power, then its inherent temperature
coefficient may alter its design center value, thereby
reducing load current measurement accuracy.
Precisely because the TSM9938F’s input stage was
designed to exhibit a very low input offset voltage,
small RSENSE values can be used to reduce power
dissipation and minimize local hot spots on the pcb.
5) RSENSE Kelvin Connections
For optimal VSENSE accuracy in the presence of large
load currents, parasitic pcb track resistance should
be minimized. Kelvin-sense pcb connections
between RSENSE and the TSM9938F’s RS+ and
RS- terminals are strongly recommended. The
drawing in Figure 1 illustrates the connections
between the current-sense amplifier and the current-
sense resistor. The pcb layout should be balanced
and symmetrical to minimize wiring-induced errors.
In addition, the pcb layout for RSENSE should
include good thermal management techniques for
optimal RSENSE power dissipation.
Optional Output Filter Capacitor
If the TSM9938F is part of a signal acquisition
system where its OUT terminal is connected to the
input of an ADC with an internal, switched-capacitor
track-and-hold circuit, the internal track-and-hold’s
sampling capacitor can cause voltage droop at VOUT.
A 22nF to 100nF, good-quality ceramic capacitor
from the OUT terminal to GND should be used to
minimize voltage droop (holding VOUT constant
during the sample interval). Using a capacitor on the
OUT terminal will also reduce the TSM9938F’s
small-signal bandwidth as well as band-limiting
amplifier noise.
Using the TSM9938F in Bidirectional Load
Current Applications
In many battery-powered systems, it is oftentimes
necessary to monitor a battery’s discharge and
charge currents. To perform this function, a
bidirectional current-sense amplifier is required. The
circuit illustrated in Figure 2 shows how two
TSM9938Fs can be configured as a bidirectional
current-sense amplifier. As shown in the figure, the
Figure 1: Making PCB Connections to the Sense
Resistor (drawing is not to scale).
Figure 2: Using Two TSM9938Fs for Bidirectional Load Current Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com