Electronic Components Datasheet Search
  English  ▼

X  

BL600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BL600
Description  Meets Safety Agency Requirements
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BL600 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BL600 Datasheet HTML 1Page - List of Unclassifed Manufacturers BL600 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2002 Ault Inc.
Configuration: In Case IEC320 with ground
Connectors
Input Configuration
BL600
BL600 LITHIUM-ION FAST
CHARGERS
IEC320
w/ground
C14
(F)
Other Connectors are available by special order
Input
Voltage
100-250 VAC -10%, +6%
Line Frequency
47 - 63 Hz
Current
0.80A - 0.35A (lower with higher voltage)
Protection
Internal primary current fuse
Inrush limiting
Short circuit protection
Electrical
Topology
Switching - DC battery charger
Dielectric Withstand
3000 VAC, 4243 VDC primary- secondary
EMI
Complies with EMC Directives
CE
CE Compliant
MTBF
100,000 calculated hours
MTBF
100,000 calculated hours
Protection
Output current limiting
Short circuit protection
Safety Approvals
Agency Listings
CULus1950; TUV EN60950, CE
Environmental
Operating Temperature
0º to 40º C with no derating
Storage Temperature
-30º to +85º C
Relative Humidity
5% to 95% non-condensing
Altitude
0-10,000 feet
Cooling
Convectional - non vented case
Mechanical
Case and Dimensions
LP6 - Desktop
4.22L x 2.60W x 1.53H (in)
107L x 66W x 38H (mm)
Case Material
Black 94V0 polycarbonate
Weight
8 ounces, 224 grams (excluding cord)
Cords and Connectors
6 ft., 2 conductor, 20 AWG, Ault #3
connector and 6 ft., 3 conductor, 20
AWG Ault #21 connector. Other con-
nectors are also available.
80%
No
Charge
Charge Completion Abnormal Battery
Led1 (Yellow) ON
ON
OFF
Blink
OFF
Led2 (Green)
OFF
ON
ON
Blink
OFF
LED Indicators
1 = 3 hr/no thermistor
2 = 6 hr/no thermistor
3 = 9 hr/no thermistor
5 = 3hr hr/ thermistor
6 = 6hr hr/ thermistor
7 = 9hr hr/ thermistor
Charger Timers Available for 2, 3, and 4 Cell (*from pg. 1)
Please specify the Charger Timer Code in your order



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com