Electronic Components Datasheet Search
  English  ▼

X  

54ACTQ273 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ273
Description  Quiet Series Octal D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ273 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54ACTQ273 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ273 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagrams
Mode Select-Function Table
Operating Mode
Inputs
Outputs
MR
CP
D
n
Q
n
Reset (Clear)
L
X
X
L
Load “1”
H
N
HH
Load “0”
H
N
LL
Note 1: H = HIGH Voltage Level
Note 2: L = LOW Voltage Level
Note 3: X = Immaterial
Note 4:
N = LOW-to-HIGH Transition
Logic Diagram
Pin Assignment
for DIP and Flatpak
DS100240-3
Pin Assignment
for LCC
DS100240-4
DS100240-5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com