Electronic Components Datasheet Search
  English  ▼

X  

CINT1200 Datasheet(PDF) 3 Page - SL Power Electronics

Part # CINT1200
Description  200W Single Output Industrial Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1200 Datasheet(HTML) 3 Page - SL Power Electronics

  CINT1200 Datasheet HTML 1Page - SL Power Electronics CINT1200 Datasheet HTML 2Page - SL Power Electronics CINT1200 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CINT1200
200W Single Output
Industrial Series
www.slpower.com
CINT1200 REV 1.4 12-JUNE-13
3
EMI/EMC Compliance
Conducted Emissions
EN55011/22 Class B, FCC Part 15, Subpart B, Class B
Radiated Emissions
EN55011/22 Class A, FCC Part 15, Subpart B, Class A w/6db margin
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11, 100%, 10ms; 30%, 275ms; 60%, 100ms; Performance
Criteria A, A, & A at 70% load.
Line Harmonic Emissions
EN61000-3-2, Class A, B, C, & D
Flicker Test
EN61000-3-3, Complies (dmax<6%)
Mechanical Drawing
Notes:
1. All dimensions in inches (mm), tolerance
is +/-0.000”.
2. Mounting holes should be grounded for
EMI purposes.
3. FG is safety ground connection.
4. The power supply requires mounting on
metal standoffs 0.20” (5mm) in height, min.
Connector Information
Input Connector
J100
Ground
(FG)
DC Output Connector
J300
PIN 1) AC LINE
PIN 2) EMPTY
PIN 3) AC NEUTRAL
0.25” FASTON TAB
Term. 1,2,3: RTN
Term. 4,5,6: +Vout
Mating Connector:
AMP Molex 640250-3
Pins: 640252-2
Mating Connector:
Molex 190020001
Mating Connector:
AMP 640250-6
Pins: 640252-2
Data Sheet © 2012 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
[4] x 0.156
4 PLCS
MTG
HOLES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com