Electronic Components Datasheet Search
  English  ▼

X  

MINT1500B Datasheet(PDF) 2 Page - SL Power Electronics

Part # MINT1500B
Description  500W Single Output LED Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1500B Datasheet(HTML) 2 Page - SL Power Electronics

  MINT1500B Datasheet HTML 1Page - SL Power Electronics MINT1500B Datasheet HTML 2Page - SL Power Electronics MINT1500B Datasheet HTML 3Page - SL Power Electronics MINT1500B Datasheet HTML 4Page - SL Power Electronics MINT1500B Datasheet HTML 5Page - SL Power Electronics MINT1500B Datasheet HTML 6Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MINT1500B
500W Single Output
Medical Series
www.slpower.com
MINT1500B REV 11.0, 4-22-15
2
General Specifications
AC Input
90-276Vac, 47-63Hz agency approved from
90Vac to 264Vac for 85Vac, output power is
400 Watts
Input can be 318V RMS for 500 mSec
120–300Vdc Input (Not agency approved and
external DC fuses are required)
Power supply is protected against brown out
condition
Turn On Time
<500mS @115Vac
Input Current
115Vac: 5A, 230Vac: 2.5A
Hold-up Time
20 mS minimum at full load & 100 Vac input
Inrush Current
270Vac, cold start: will not exceed 15A
Power Factor
Correction
Meets EN61000-3-2, Class A, and D
Meets Class C for 500 Watt output
Input Fuses
F1, F2: T10A, 250Vac, provided on all models
Overload
Protection
Main Output
120% to 140% of current rating, Hiccup Mode
Leakage
Current
Earth:
<275µA@264Vac, 60Hz, NC; <450µA SFC
Patient:
Maximum 40uA NC and 80uA SFC
Short Circuit
Protection
Self-recovering
Efficiency
92% typical at 115Vac, 93% typical at 230Vac
Overvoltage
Protection
Hiccup Mode, Self-recovering see models chart
for trip ranges.
Output Power
500W continuous at 50C with 200 lfm airflow
from 90Vac to 264Vac.
Convection cooled and 50C:
85V: 300Watt
90V: 330 Watts
Overtemperature
Protection
Provided, self-recovering
Automatic power shutdown at TC 135°C/115°C
Transient
Response
500 uS typical for return to within 0.5% of
nominal, 50% load step from 5% to 100%.
∆i/∆t: <0.2A/µS.
Maximum Voltage Deviation = 3%
Switching
Frequency
PFC: Variable, 50-500kHz
Main Converter: Variable 40-180 kHz, 65Khz
typical
Ripple and Noise
Main Output
See models chart
Isolation
Input-Output:
4000Vac, 2 x MOPP
Input-Ground:
1500Vac, 1 x MOPP
Output-Ground: 1500Vac, 1 x MOPP
Output Voltage
See models chart
Operating
Temperature
-10°C to +70°C (Derate output power linearly by
2.5% /˚C above 50°C to 50% at 70°C)
Voltage
Adjustability
+/-5% from nominal
Storage
Temperature
-40°C to +85°C
Minimum Load
Not required
Altitude
Operating: Up to 4000m (derate 5˚C for natural
Convection Cooling Applications)
Non-operating: -150 to 12,000m
Total Regulation
Main Output: ±2%.
12V Fan Output: ±10% (with >0.1A load on
main o/p) 5Vsb Output: ±2%
Relative
Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g²/Hz, 1.5grms overall, 3 axes,
1 hr/axis
Operating: 0.026g²/Hz, 5.0grms overall, 3 axes,
10 min/axis
Shock
Operating: Half-sine, 40gpk, 8ms, 3 axes, 6
shocks total
Dimensions
W: 3.3” x L: 7.17” x H: 1.5”
W: 84mm x L: 182.12mm x H: 38.1mm
With Cover: H:1.56”
Fan Option: Top Mount: 3.3” x 7.17” x 2.14”
Safety Standards
EN/CSA/UL/IEC 60601-1, 3
rd Edition
Weight
680g. 750g w/cover
MTBF
Over 500,000 hours, 25°C Ambient, 115Vac
input
Ordering Option
Please see model Selection
Audible Noise
Per ISO3744:2010
Without fan: 25 dB A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com