| Electronic Components Datasheet Search |
|
USB2512 Datasheet(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2512 Datasheet(HTML) 31 Page - Microchip Technology |
|
31 / 57 page ![]() 2010 - 2015 Microchip Technology Inc. DS00001692C-page 31 USB251xB/xBi 5.1.31 REGISTER FCH: PORTMAP 34 Bit Number Bit Name Description 7:0 PRTR34 PortMap Register for Ports 3 and 4: When a hub is enumerated by a USB host controller, the hub is only permitted to report how many ports it has; the hub is not permitted to select a numerical range or assignment. The host controller will number the downstream ports of the hub starting with the number 1, up to the number of ports that the hub reports having. The host's port number is called the Logical Port Number and the physical port on the hub is the Physical Port Number. When mapping mode is enabled (see PRTMAP_EN, Section 5.1.9 on page 23) the hub's downstream port numbers can be mapped to different logical port numbers (assigned by the host). Note: Contiguous logical port numbers must be implemented, starting from number 1 up to the maximum number of enabled ports. This ensures that the hub's ports are numbered in accordance with the way a host will communicate with the ports. Bit [7:4] 0000 Physical port 4 is disabled 0001 Physical port 4 is mapped to logical port 1 0010 Physical port 4 is mapped to logical port 2 0011 Physical port 4 is mapped to logical port 3 0100 Physical port 4 is mapped to logical port 4 1000 to 1111 rsvd, will default to 0000 value Bit [3:0] 0000 Physical port 3 is disabled 0001 Physical port 3 is mapped to logical port 1 0010 Physical port 3 is mapped to logical port 2 0011 Physical port 3 is mapped to logical port 3 0100 Physical port 3 is mapped to logical port 4 1000 to 1111 rsvd, will default to 0000 value |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |