Electronic Components Datasheet Search
  English  ▼

X  

USB2532 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2532 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB2532 Datasheet HTML 27Page - Microchip Technology USB2532 Datasheet HTML 28Page - Microchip Technology USB2532 Datasheet HTML 29Page - Microchip Technology USB2532 Datasheet HTML 30Page - Microchip Technology USB2532 Datasheet HTML 31Page - Microchip Technology USB2532 Datasheet HTML 32Page - Microchip Technology USB2532 Datasheet HTML 33Page - Microchip Technology USB2532 Datasheet HTML 34Page - Microchip Technology USB2532 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001701A-page 31
In this operation, following the 7-bit slave address, the 8-bit register address is written indicating the
start address for the subsequent sequential read operation. In the read sequence, every data access
is a data read from a data register where the register address increments after each access. The write
sequence can end with optional Stop (P). If so, the read sequence must begin with a Start (S).
Otherwise, the read sequence must start with a Repeated Start (Sr).
Figure 7.2 shows the format of the read operation. Where color is visible in the figure, blue and gold
indicate signaling from the I2C master, and gray indicates signaling from the slave.
7.1.2
Pull-Up Resistors for I2C
The circuit board designer is required to place external pull-up resistors (10 k
Ω recommended) on the
SDA & SCL signals (per SMBus 1.0 Specification) to Vcc in order to assure proper operation.
7.2
SMBus Slave Interface
The USB2532 includes an integrated SMBus slave interface, which can be used to access internal
device run time registers or program the internal OTP memory. SMBus detection is accomplished by
detection of pull-up resistors (10 K
Ω recommended) on both the SMBDATA and SMBCLK signals. To
disable the SMBus, a pull-down resistor of 10 K
Ω must be applied to SMBDATA. The SMBus interface
can be used to configure the device as detailed in Section 6.1, "Configuration Method Selection," on
page 25.
Note: All device configuration must be performed via the Pro-Touch Programming Tool. For additional
information on the Pro-Touch programming tool, contact your local Microchip sales
representative.
Figure 7.2 I2C Sequential Access Read Format
S
7-Bit Slave Address
1
n n n n n n n n
P
ACK
ACK
Register value
for xxxxxxxx
n n n n n n n n
ACK
Register value
for xxxxxxxx + 1
...
n n n n n n n n
NACK
If previous write setting up
Register address ended with a
Stop (P), otherwise it will be
Repeated Start (Sr)
Register value
for xxxxxxxx + y
S
7-Bit Slave Address
0
P
A
xxxxxxxx
A
Register
Address
(bits 7-0)
Optional. If present, Next
access must have Start(S),
otherwise Repeat Start (Sr)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com