Electronic Components Datasheet Search
  English  ▼

X  

USB4624 Datasheet(PDF) 50 Page - Microchip Technology

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624 Datasheet(HTML) 50 Page - Microchip Technology

Back Button USB4624 Datasheet HTML 46Page - Microchip Technology USB4624 Datasheet HTML 47Page - Microchip Technology USB4624 Datasheet HTML 48Page - Microchip Technology USB4624 Datasheet HTML 49Page - Microchip Technology USB4624 Datasheet HTML 50Page - Microchip Technology USB4624 Datasheet HTML 51Page - Microchip Technology USB4624 Datasheet HTML 52Page - Microchip Technology USB4624 Datasheet HTML 53Page - Microchip Technology USB4624 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001717A-page 50
 2014 Microchip Technology Inc.
Note 9.10 XTAL2 can optionally be driven from a 24 MHz single-ended clock oscillator (REFCLK).
9.5
AC Specifications
This section details the various AC timing specifications of the device.
9.5.1
Power-On Configuration Strap Valid Timing
Figure 9.1 illustrates the configuration strap timing requirements, in relation to power-on, for
applications where RESET_N is not used at power-on. The operational levels (Vopp) for the external
power supplies are detailed in Section 9.2, "Operating Conditions**," on page 45.
Note: For RESET_N configuration strap timing requirements, refer to Section 9.5.2, "Reset and
Configuration Strap Timing," on page 51.
Figure 9.1 Power-On Configuration Strap Valid Timing
Table 9.8 Power-On Configuration Strap Valid Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tcsh
Configuration strap hold after external power supplies at
operational levels
1ms
All External
Power Supplies
Vopp
Configuration
Straps
tcsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com