Electronic Components Datasheet Search
  English  ▼

X  

BSD223P Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSD223P
Description  OptiMOS -P Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSD223P Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSD223P Datasheet HTML 1Page - Infineon Technologies AG BSD223P Datasheet HTML 2Page - Infineon Technologies AG BSD223P Datasheet HTML 3Page - Infineon Technologies AG BSD223P Datasheet HTML 4Page - Infineon Technologies AG BSD223P Datasheet HTML 5Page - Infineon Technologies AG BSD223P Datasheet HTML 6Page - Infineon Technologies AG BSD223P Datasheet HTML 7Page - Infineon Technologies AG BSD223P Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2002-07-04
Page 1
Preliminary data
BSD 223P
OptiMOS
-P Small-Signal-Transistor
Product Summary
VDS
-20
V
RDS(on)
1.2
Ω
ID
-0.39
A
Feature
• Dual P-Channel
• Enhancement mode
• Super Logic Level (2.5 V rated)
• 150°C operating temperature
• Avalanche rated
• dv/dt rated
SOT-363
VPS05604
6
3
1
5
4
2
Gate
pin 2,5
Drain
pin 6,3
Source
pin 1,4
MOSFET1: 1,2,6
MOSFET2: 3,4,5
Marking
X1s
Type
Package
Ordering Code
BSD 223P
SOT-363
Q67042-S4059
Maximum Ratings, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current
TA=25°C
TA=70°C
ID
-0.39
-0.31
A
Pulsed drain current
TA=25°C
ID puls
-1.56
Avalanche energy, single pulse
ID=-0.39 A , VDD=-10V, RGS=25Ω
EAS
1.4
mJ
Reverse diode dv/dt
IS=-0.39A, VDS=-16V, di/dt=200A/µs, Tjmax=150°C
dv/dt
-6
kV/µs
Gate source voltage
VGS
±12
V
Power dissipation
TA=25°C
Ptot
0.25
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C
IEC climatic category; DIN IEC 68-1
55/150/56


Similar Part No. - BSD223P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSD223P INFINEON-BSD223P Datasheet
227Kb / 8P
OptiMOS-P Small-Signal-Transistor
Rev.1.3 2006-12-04
BSD223P INFINEON-BSD223P Datasheet
326Kb / 9P
Enhancement mode
Rev.1.6 2014-07-29
BSD223P INFINEON-BSD223P_06 Datasheet
227Kb / 8P
OptiMOS-P Small-Signal-Transistor
Rev.1.3 2006-12-04
BSD223P INFINEON-BSD223P_14 Datasheet
326Kb / 9P
Enhancement mode
Rev.1.6 2014-07-29
More results

Similar Description - BSD223P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO201SP INFINEON-BSO201SP Datasheet
82Kb / 8P
OptiMOS -P Small-Signal-Transistor
2001-12-21
BSO203SP INFINEON-BSO203SP Datasheet
92Kb / 8P
OptiMOS -P Small-Signal-Transistor
2004-06-03
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
OptiMOS -P Small-Signal-Transistor
2001-12-03
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
OptiMOS -P Small-Signal-Transistor
2001-12-05
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
OptiMOS -P Small-Signal-Transistor
2002-07-04
BSL207SP INFINEON-BSL207SP_07 Datasheet
843Kb / 8P
OptiMOS-P Small-Signal-Transistor
2007-02-08
BSL211SP INFINEON-BSL211SP_07 Datasheet
589Kb / 8P
OptiMOS-P Small-Signal-Transistor
2007-02-08
BSO303PH INFINEON-BSO303PH Datasheet
317Kb / 9P
OptiMOS-P Small-Signal-Transistor
Rev. 1.3 2010-02-10
BSS223PW INFINEON-BSS223PW_06 Datasheet
391Kb / 8P
OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com