Electronic Components Datasheet Search
  English  ▼

X  

USB5537B Datasheet(PDF) 77 Page - Microchip Technology

Part # USB5537B
Description  7-Port SS/HS USB Hub Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5537B Datasheet(HTML) 77 Page - Microchip Technology

Back Button USB5537B Datasheet HTML 71Page - Microchip Technology USB5537B Datasheet HTML 72Page - Microchip Technology USB5537B Datasheet HTML 73Page - Microchip Technology USB5537B Datasheet HTML 74Page - Microchip Technology USB5537B Datasheet HTML 75Page - Microchip Technology USB5537B Datasheet HTML 76Page - Microchip Technology USB5537B Datasheet HTML 77Page - Microchip Technology USB5537B Datasheet HTML 78Page - Microchip Technology USB5537B Datasheet HTML 79Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001682C-page 77
USB5537B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB5537B
Temperature
Range:
Blank
=
0
C to +70C
Commercial
Package:
5000AKZE = 72-pin QFN 10 x 10mm 6.0mm exposed pad
Hybrid 4/7-Port Hub with VSM, Apple/BC 1.2 Charging
6070AKZE = 72-pin QFN 10 x 10mm 6.0mm exposed pad
Hybrid 4/7-Port Hub with VSM, Apple/BC 1.2 Charging
6080AKZE = 72-pin QFN 10 x 10mm 6.0mm exposed pad
Hybrid 4/7-Port Hub with VSM, Apple/BC 1.2 Charging
Tape and Reel
Option:
Blank
= Standard packaging (tray)
TR
= Tape and Reel(1)
Examples:
a)
USB5537B-5000AKZE
b)
USB5537B-6070AKZE
c)
USB5537B-6080AKZE
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Reel size is 4,000.
PART NO.
[X]
XXX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com