Electronic Components Datasheet Search
  English  ▼

X  

BSL211 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSL211
Description  OptiMOS -P Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL211 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSL211 Datasheet HTML 1Page - Infineon Technologies AG BSL211 Datasheet HTML 2Page - Infineon Technologies AG BSL211 Datasheet HTML 3Page - Infineon Technologies AG BSL211 Datasheet HTML 4Page - Infineon Technologies AG BSL211 Datasheet HTML 5Page - Infineon Technologies AG BSL211 Datasheet HTML 6Page - Infineon Technologies AG BSL211 Datasheet HTML 7Page - Infineon Technologies AG BSL211 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001-12-06
Page 3
Preliminary data
BSL211SP
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
çVDSç≥2*çIDç*RDS(on)max
ID=-3.8A
6.2
12.4
-
S
Input capacitance
Ciss
VGS=0, VDS=-15V,
f=1MHz
-
654
-
pF
Output capacitance
Coss
-
241
-
Reverse transfer capacitance
Crss
-
197
-
Turn-on delay time
td(on)
VDD=-10V, VGS=-4.5V,
ID=-1A, RG=6Ω
-
8.7
13
ns
Rise time
tr
-
13.9
21
Turn-off delay time
td(off)
-
25
37.3
Fall time
tf
-
23.3
35
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=-10V, ID=-4.7A
-
-1.3
-2
nC
Gate to drain charge
Qgd
-
-4.7
-7
Gate charge total
Qg
VDD=-10V, ID=-4.7A,
VGS=0 to -4.5V
-
-8.3
-12.4
Gate plateau voltage
V(plateau) VDD=-10V, ID=-4.7A
-
-2
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TA=25°C
-
-
-2
A
Inverse diode direct current,
pulsed
ISM
-
-
-18.8
Inverse diode forward voltage
VSD
VGS=0, |IF| = |ID|
-
-0.94
-1.4
V
Reverse recovery time
trr
VR=-10V, |IF| = |lD|,
diF/dt=100A/µs
-
20.6
25.8
ns
Reverse recovery charge
Qrr
-
6.3
7.9
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com