Electronic Components Datasheet Search
  English  ▼

X  

QC16 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QC16
Description  1.2x1.6 4-Pad SMD Quartz Crystal Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QC16 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QC16 Datasheet HTML 1Page - List of Unclassifed Manufacturers QC16 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QANTEK Technology Corporation
Phone: +1 877-227-0440 (tollfree)
www.qantek.com
Fax:
+1 877-227-0440 (tollfree)
info@qantek.com
QC16 Series
1.2x1.6 4-Pad SMD Quartz Crystal Unit
Tape and Reel Dimensions
Marking Code Guide
Contains frequency, Qantek manufacturing code, production code (month and year) and load capacitance.
Year/Month Codes
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
2011 / 2015
A
B
C
D
E
F
G
H
J
K
L
M
2012 / 2016
N
P
Q
R
S
T
U
V
W
X
Y
Z
2013 / 2017
a
b
c
d
e
f
g
h
j
k
l
m
2014 / 2018
n
p
q
r
s
t
u
v
w
x
y
z
Load Capacitance Code in pF
pF
PN Code
pF
PN Code
12
A
20
F
18
B
22
G
8
C
30
H
10
D
32
I
16
E
S
S
Example: First Line: 240 (Frequency) Second Line: QAA (Qantek - January 2011 - 12 pF)
Solder Reflow Profile
Environmental Specifications
Mechanical Shock
MIL-STD-202, Method 213, C
Vibration
MIL-STD-202, Method 201 & 204
Thermal Cycle
MIL-STD, Method 1010, B
Gross Leak
MIL-STD-202, Method 112
Fine Leak
MIL-STD-202, Method 112
All specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com