Electronic Components Datasheet Search
  English  ▼

X  

LMP92066 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92066
Description  Dual Temperature-Controlled DAC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP92066 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP92066 Datasheet HTML 17Page - Texas Instruments LMP92066 Datasheet HTML 18Page - Texas Instruments LMP92066 Datasheet HTML 19Page - Texas Instruments LMP92066 Datasheet HTML 20Page - Texas Instruments LMP92066 Datasheet HTML 21Page - Texas Instruments LMP92066 Datasheet HTML 22Page - Texas Instruments LMP92066 Datasheet HTML 23Page - Texas Instruments LMP92066 Datasheet HTML 24Page - Texas Instruments LMP92066 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
DACx Input Code
0V
-5V
VDDB
VSSB
0xFFF
0x000
A=-1
DACx Input Code
5V
0V
VDDB
VSSB
0xFFF
A=1
0x000
LMP92066
www.ti.com
SNAS634B – MARCH 2014 – REVISED JANUARY 2016
When the span is above GNDA, or VDDB = 5 V and VSSB = 0 V, then the output buffer gain is A = 1. The net
effect on the output of the analog processing chain is shown in Figure 28. The DAC input codes in the range of
0x000 to 0xFFF are mapped to the output voltage in the range of 0 V to 5 V.
Figure 28. Output of Analog Processing Chain: Net Effect
If the span is below GNDA, or VDDB = 0 V and VSSB = –5 V, then the output buffer gain is A = –1. This
configuration is depicted Figure 29. This results in effective mapping of the DAC input codes in the range of
0x000 to 0xFFF, to the output voltage range of 0 V to –5 V.
Figure 29. Common Mode Voltage Below GNDA,
or VDDB = 0 V and VSSB = –5 V
NOTE
Both Buffer Amplifiers share the VDDB and VSSB rails. Therefore, both Buffers produce
gain of A = 1, or both produce gain of A = –1.
The state of the VDDB and VSSB supplies, whether their span is above or below GNDA is indicated by the state
of the DRV_STATUS.GAN bit, and can be read by the controller via the I2C interface.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP92066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com