Electronic Components Datasheet Search
  English  ▼

X  

LAN8710A Datasheet(PDF) 68 Page - Microchip Technology

Part # LAN8710A
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8710A Datasheet(HTML) 68 Page - Microchip Technology

Back Button LAN8710A Datasheet HTML 64Page - Microchip Technology LAN8710A Datasheet HTML 65Page - Microchip Technology LAN8710A Datasheet HTML 66Page - Microchip Technology LAN8710A Datasheet HTML 67Page - Microchip Technology LAN8710A Datasheet HTML 68Page - Microchip Technology LAN8710A Datasheet HTML 69Page - Microchip Technology LAN8710A Datasheet HTML 70Page - Microchip Technology LAN8710A Datasheet HTML 71Page - Microchip Technology LAN8710A Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
68
SMSC LAN8710A/LAN8710Ai
DATASHEET
Note: Current measurements do not include power applied to the magnetics or the optional external
LEDs. The Ethernet component current is typically 41mA in 100BASE-TX mode and 100mA in
10BASE-T mode, independent of the 2.5V or 3.3V supply rail of the transformer.
Note 5.6
Calculated with full flexPWR features activated: VDDIO=1.8V & internal regulator disabled.
5.4
DC Specifications
Table 5.2 details the non-variable I/O buffer characteristics. These buffer types do not support variable
voltage operation. Table 5.3 details the variable voltage I/O buffer characteristics. Typical values are
provided for 1.8V, 2.5V, and 3.3V VDDIO cases.
Note 5.7
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down
and pull-up resistors add +/- 50uA per-pin (typical).
Note 5.8
XTAL1/CLKIN can optionally be driven from a 25MHz single-ended clock oscillator.
Table 5.2 Non-Variable I/O Buffer Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
IS Type Input Buffer
Low Input Level
High Input Level
Negative-Going Threshold
Positive-Going Threshold
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDDIO)
Input Capacitance
VILI
VIHI
VILT
VIHT
VHYS
IIH
CIN
-0.3
1.01
1.39
336
-10
1.19
1.59
399
3.6
1.39
1.79
459
10
2
V
V
V
V
mV
uA
pF
Schmitt trigger
Schmitt trigger
Note 5.7
O12 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD2A - 0.4
0.4
V
V
IOL = 12mA
IOH = -12mA
ICLK Type Buffer
(XTAL1 Input)
Low Input Level
High Input Level
VILI
VIHI
-0.3
1.4
0.35
VDD2A + 0.4
V
V
Note 5.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com