Electronic Components Datasheet Search
  English  ▼

X  

BSO615 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSO615
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO615 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSO615 Datasheet HTML 1Page - Infineon Technologies AG BSO615 Datasheet HTML 2Page - Infineon Technologies AG BSO615 Datasheet HTML 3Page - Infineon Technologies AG BSO615 Datasheet HTML 4Page - Infineon Technologies AG BSO615 Datasheet HTML 5Page - Infineon Technologies AG BSO615 Datasheet HTML 6Page - Infineon Technologies AG BSO615 Datasheet HTML 7Page - Infineon Technologies AG BSO615 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BSO 615N
Data Sheet
3
05.99
Electrical Characteristics
Parameter
Values
Symbol
Unit
max.
min.
typ.
Characteristics
S
Transconductance
VDS≥2*ID*RDS(on)max , ID = 2.6 A
5.5
-
2.4
gfs
pF
Ciss
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
-
380
300
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
90
-
Coss
120
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
65
50
-
ns
Turn-on delay time
VDD = 30 V, VGS = 4.5 V, ID = 2.6 A,
RG = 16 Ω
td(on)
20
12
25
tr
Rise time
VDD = 30 V, VGS = 4.5 V, ID = 2.6 A,
RG = 16 Ω
-
15
30
Turn-off delay time
VDD = 30 V, VGS = 4.5 V, ID = 2.6 A,
RG = 16 Ω
td(off)
20
-
25
Fall time
VDD = 30 V, VGS = 4.5 V, ID = 2.6 A,
RG = 16 Ω
-
tf
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com