Electronic Components Datasheet Search
  English  ▼

X  

BSP60 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP60
Description  PNP Silicon Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP60 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP60 Datasheet HTML 1Page - Infineon Technologies AG BSP60 Datasheet HTML 2Page - Infineon Technologies AG BSP60 Datasheet HTML 3Page - Infineon Technologies AG BSP60 Datasheet HTML 4Page - Infineon Technologies AG BSP60 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BSP60 ... BSP62
1
Nov-30-2001
PNP Silicon Darlington Transistors
 High collector current
 Low collector-emitter saturation voltage
 Complementary types: BSP50 ... BSP52 (NPN)
VPS05163
1
2
3
4
Type
Marking
Pin Configuration
Package
BSP60
BSP61
BSP62
BSP 60
BSP 61
BSP 62
1 = B
1 = B
1 = B
2 = C
2 = C
2 = C
3 = E
3 = E
3 = E
4 = C
4 = C
4 = C
SOT223
SOT223
SOT223
Maximum Ratings
Parameter
Symbol
BSP60
BSP61
BSP62
Unit
Collector-emitter voltage
VCEO
45
60
80
V
Collector-base voltage
VCBO
60
80
90
Emitter-base voltage
VEBO
5
5
5
DC collector current
IC
1
A
Peak collector current
ICM
2
Base current
mA
100
IB
Total power dissipation, TS = 124 °C
Ptot
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
17
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BSP60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP60 PHILIPS-BSP60 Datasheet
62Kb / 8P
PNP Darlington transistors
1999 Apr 29
logo
Siemens Semiconductor G...
BSP60 SIEMENS-BSP60 Datasheet
153Kb / 5P
PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
NXP Semiconductors
BSP60 NXP-BSP60 Datasheet
126Kb / 7P
PNP Darlington transistors
2001 May 31
logo
Infineon Technologies A...
BSP60 INFINEON-BSP60 Datasheet
103Kb / 7P
PNP Silicon Darlington Transistor
2007-04-26
BSP60 INFINEON-BSP60 Datasheet
551Kb / 7P
PNP Silicon Darlington Transistor
2011-10-04
More results

Similar Description - BSP60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
Darlington Transistors(PNP Silicon)
1996
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
PNP SILICON DARLINGTON TRANSISTORS
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
Darlington Transistors(PNP Silicon)
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
PNP Silicon Darlington Transistors
Jul-12-2001
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
PNP Silicon Darlington Transistors
2007-04-20
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
PNP Silicon Darlington Transistors
2011-10-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com