Electronic Components Datasheet Search
  English  ▼

X  

BSP61 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSP61
Description  PNP Silicon Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP61 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSP61 Datasheet HTML 1Page - Infineon Technologies AG BSP61 Datasheet HTML 2Page - Infineon Technologies AG BSP61 Datasheet HTML 3Page - Infineon Technologies AG BSP61 Datasheet HTML 4Page - Infineon Technologies AG BSP61 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BSP60 ... BSP62
5
Nov-30-2001
Collector-emitter saturation voltage
IC = f (VCEsat), IB - parameter
EHP00669
BSP 60...62
0
1
V
2
4 mA
10
1
5
mA
10
2
Ι
C
5
10
3
V
CE sat
= 0.5 mA
B
Ι
Base-emitter saturation voltage
IC = f (VBEsat), IB - parameter
EHP00670
BSP 60...62
10
0
1
V
BE sat
3
5
2
10
3
2
10
1
5
V
mA
= 0.5 mA
4 mA
Ι
C
Ι
B
Transition frequency fT = f (IC)
VCE = 10V, f = 100MHz
EHP00668
BSP 60...62
10
10
mA
f
C
10
MHz
10
T
5
Ι
12
3
10
3
2
10
1
5
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com