Electronic Components Datasheet Search
  English  ▼

X  

MCSO1ELS Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO1ELS
Description  low consumption 32.768 kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO1ELS Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO1ELS Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO1ELS Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
MCSO1ELS low consumption 32.768 kHz
T range up to 200°C
SC cut quartz Crystal
Recommended Solder Pad:
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Frequency stability
Over temperature range R = -10 to +150°C
(see ordering info)
Including 2)*
ΔF/F
≤ ± 50
ppm
Frequency stability
Over temperature range S = -10 to +175°C
(see ordering info)
Including 2)*
ΔF/F
≤ ± 100
ppm
Frequency stability
Over temperature range T = -10 to +200°C
(see ordering info) Including
2)* 3)*
ΔF/F
≤ ± 150
ppm
Supply voltage ± 5%
1)*
Vdd
2.5 / 3.3 / 5
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time
(load 15pf 20% to 80%)
25
ns
Level "0" & "1"
<0.4>Vdd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/27
pF
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Downhole and Well drilling equipments
- Avionics
- Airbone equipments
- Geothermal equipments
- Firefighterequipments
The MCSO1's are supplied on trays (91 pcs / tray)
For pick-and-place equipment, the parts are
available in 16mm tapes with 250 parts min
1000 parts max
SC cut quartz crystal
SMT Clock oscillator in ceramic
package
Fundamental quartz mode frequency
Ultra Low stability
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
1
2
3
4
4 3
1 2
7,86
3,70
3,60
1,52
2,00
2,54
3,18
2,54
pin 1 E/D
pin 2 GND
pin 3 Fout
pin 4 Vdd
Package:
Bottom view
* 1) C = 47nF ceramic must be connected between GND & Vdd
Operable over 2.3 to 5.5V
* 2) adjustment at +25°C, long term aging 1000h at Tmax ordered
over supply voltage ±5% and over load min to max
* 3) Only available with Supply voltage 5V
Frequency stability
included 1000h at Tmax


Similar Part No. - MCSO1ELS

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO1ELS GOLLEDGE-MCSO1ELS Datasheet
549Kb / 4P
5V CMOS Low Frequency Oscillator with Tight Stability for Extreme Environments
MCSO1ELSV GOLLEDGE-MCSO1ELSV Datasheet
549Kb / 4P
3.3V CMOS Low Frequency Oscillator with Tight Stability for Extreme Environments
MCSO1ELSW GOLLEDGE-MCSO1ELSW Datasheet
549Kb / 4P
2.5V CMOS Low Frequency Oscillator with Tight Stability for Extreme Environments
logo
MICORO CRYSTAL SWITZERL...
MCSO1ELS MICROCRYSTAL-MCSO1ELS_17 Datasheet
413Kb / 2P
low consumption 32.768 kHz
More results

Similar Description - MCSO1ELS

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
logo
Oscilent Corporation
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
32.768 KHz Crystal
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
32.768 KHz Crystal
logo
Abracon Corporation
ABS25-32.768KHZ-T ABRACON-ABS25-32.768KHZ-T Datasheet
1Mb / 2P
32.768 kHz LOW FREQUENCY SMD CRYSTAL
05.31.11
logo
MICORO CRYSTAL SWITZERL...
MCSO2EL MICROCRYSTAL-MCSO2EL Datasheet
348Kb / 2P
Very low consumption 32.768 kHz
MCSO2EU MICROCRYSTAL-MCSO2EU Datasheet
348Kb / 2P
Ultra low consumption 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
Low Power Clock Oscillator 32.768 kHz
MCSO1ELS MICROCRYSTAL-MCSO1ELS_17 Datasheet
413Kb / 2P
low consumption 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com