Electronic Components Datasheet Search
  English  ▼

X  

LAN9730 Datasheet(PDF) 214 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 214 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 210Page - Microchip Technology LAN9730 Datasheet HTML 211Page - Microchip Technology LAN9730 Datasheet HTML 212Page - Microchip Technology LAN9730 Datasheet HTML 213Page - Microchip Technology LAN9730 Datasheet HTML 214Page - Microchip Technology LAN9730 Datasheet HTML 215Page - Microchip Technology LAN9730 Datasheet HTML 216Page - Microchip Technology LAN9730 Datasheet HTML 217Page - Microchip Technology LAN9730 Datasheet HTML 218Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 214
 2012-2015 Microchip Technology Inc.
Microchip Technology Drawing C04-375A Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Terminal Length
Mold Cap Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
A2
e
L
N
0.50 BSC
0.30
0.18
0.70
0.00
0.23
0.40
0.85
0.02
MILLIMETERS
MIN
NOM
56
0.50
0.30
1.00
0.05
MAX
K-
0.20
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is punch singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Overall Width
Overall Length
Exposed Pad Width
Exposed Pad Length
D
E2
D2
E
5.80
8.00 BSC
5.90
8.00 BSC
6.00
D1
E1
Molded Top Width
Molded Top Length
7.65
7.65
7.75
7.75
7.85
7.85
-
-
0.90
5.80
5.90
6.00
56L Very Thin Quad Flat, No Lead Package (RT) - 8x8 mm Body [VQFN]
With 5.9x5.9 mm Exposed Pad; Punch Singulated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com