Electronic Components Datasheet Search
  English  ▼

X  

LAN9730 Datasheet(PDF) 215 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 215 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 211Page - Microchip Technology LAN9730 Datasheet HTML 212Page - Microchip Technology LAN9730 Datasheet HTML 213Page - Microchip Technology LAN9730 Datasheet HTML 214Page - Microchip Technology LAN9730 Datasheet HTML 215Page - Microchip Technology LAN9730 Datasheet HTML 216Page - Microchip Technology LAN9730 Datasheet HTML 217Page - Microchip Technology LAN9730 Datasheet HTML 218Page - Microchip Technology LAN9730 Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 215
LAN9730/LAN9730i
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
5.90
5.90
MILLIMETERS
0.50 BSC
MIN
E
MAX
7.90
Contact Pad Length (X56)
Contact Pad Width (X56)
Y1
X1
0.69
0.28
Microchip Technology Drawing C04-2375A
NOM
SILK SCREEN
1
2
20
C1
Contact Pad Spacing
7.90
Contact Pad to Center Pad (X52)
G1
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
E
EV
EV
C2
C1
X2
Y2
ØV
Y1
G1
X1
56L Very Thin Quad Flat, No Lead Package (RT) - 8x8 mm Body [VQFN]
With 5.9x5.9 mm Exposed Pad; Punch Singulated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com