Electronic Components Datasheet Search
  English  ▼

X  

MEC1322 Datasheet(PDF) 380 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 380 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 376Page - Microchip Technology MEC1322 Datasheet HTML 377Page - Microchip Technology MEC1322 Datasheet HTML 378Page - Microchip Technology MEC1322 Datasheet HTML 379Page - Microchip Technology MEC1322 Datasheet HTML 380Page - Microchip Technology MEC1322 Datasheet HTML 381Page - Microchip Technology MEC1322 Datasheet HTML 382Page - Microchip Technology MEC1322 Datasheet HTML 383Page - Microchip Technology MEC1322 Datasheet HTML 384Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 456 page
background image
MEC1322
DS00001719D-page 380
 2014 - 2015 Microchip Technology Inc.
35.8.3
ETM TRACE ENABLE
35.8.4
JTAG ENABLE
35.8.5
WDT EVENT COUNT
Offset
1Ch
Bits
Description
Type
Default
Reset
Event
31:1 Reserved
R
-
-
0 TRACE_EN
This bit enables the ARM TRACE debug port (ETM/ITM). The Trace
Debug Interface pins are forced to the TRACE functions.
0 = ARM TRACE port disabled
1= ARM TRACE port enabled
R/W
0b
VCC1_R
ESET
Offset
20h
Bits
Description
Type
Default
Reset
Event
31:1 Reserved
R
-
-
0JTAG_EN
This bit enables the JTAG debug port.
0 = JTAG port disabled. JTAG cannot be enabled (i.e., the TRST#
pin is ignored and the JTAG signals remain in their non-JTAG
state).
1= JTAG port enabled. A high on TRST# enables JTAG
R/W
0b
VCC1_R
ESET
Offset
28h
Bits
Description
Type
Default
Reset
Event
31:4 Reserved
R
-
-
3:0 WDT_COUNT
These EC R/W bits are cleared to 0 on VCC1 POR, but not on a
WDT.
Note:
This field is written by Boot ROM firmware to indicate the
number of times a WDT fired before loading a good EC
code image.
R/W
0b
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com