Electronic Components Datasheet Search
  English  ▼

X  

BSP78 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP78
Description  Smart Lowside Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP78 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP78 Datasheet HTML 1Page - Infineon Technologies AG BSP78 Datasheet HTML 2Page - Infineon Technologies AG BSP78 Datasheet HTML 3Page - Infineon Technologies AG BSP78 Datasheet HTML 4Page - Infineon Technologies AG BSP78 Datasheet HTML 5Page - Infineon Technologies AG BSP78 Datasheet HTML 6Page - Infineon Technologies AG BSP78 Datasheet HTML 7Page - Infineon Technologies AG BSP78 Datasheet HTML 8Page - Infineon Technologies AG BSP78 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2004-03-05
Page 1
HITFETÒ II.Generation BSP 78
Smart Lowside Power Switch
Product Summary
Drain source voltage
VDS
42
V
On-state resistance
RDS(on)
50
m
W
Nominal load current
ID(Nom)
3
A
Clamping energy
EAS
500
mJ
Features
· Logic Level Input
· Input Protection (ESD)
· Thermal shutdown with
auto restart
· Overload protection
· Short circuit protection
· Overvoltage protection
· Current limitation
· Analog driving possible
VPS05163
1
2
3
4
Application
· All kinds of resistive, inductive and capacitive loads in switching
or linear applications
· µC compatible power switch for 12 V DC applications
· Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET in Smart SIPMOSÒ technology. Fully protected by embedded
protection functions.
Gate-Driving
Unit
ESD
Overload
Protection
Over-
temperature
Protection
Short circuit
Protection
Overvoltage-
Protection
Current
Limitation
M
Vbb
In
Source
Drain
HITFET â
Pin 1
Pin 2 and 4 (TAB)
Pin 3
Complete product spectrum and additional information http://www.infineon.com/hitfet


Similar Part No. - BSP78

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP78 SIEMENS-BSP78 Datasheet
107Kb / 10P
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart)
logo
Infineon Technologies A...
BSP78 INFINEON-BSP78 Datasheet
271Kb / 11P
Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BSP78 INFINEON-BSP78_08 Datasheet
271Kb / 11P
Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
More results

Similar Description - BSP78

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
Smart Lowside Power Switch
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
Smart Lowside Power Switch
logo
Infineon Technologies A...
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
Smart Lowside Power Switch
2004-03-05
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
Smart Lowside Power Switch
2004-03-05
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
Smart Lowside Power Switch
2004-03-05
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
Smart Lowside Power Switch
2004-02-02
BTS917 INFINEON-BTS917 Datasheet
181Kb / 11P
Smart Lowside Power Switch
02.12.1998
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
Smart Lowside Power Switch
2002-09-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com