Electronic Components Datasheet Search
  English  ▼

X  

BSP92P Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP92P
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP92P Datasheet(HTML) 6 Page - Infineon Technologies AG

  BSP92P Datasheet HTML 1Page - Infineon Technologies AG BSP92P Datasheet HTML 2Page - Infineon Technologies AG BSP92P Datasheet HTML 3Page - Infineon Technologies AG BSP92P Datasheet HTML 4Page - Infineon Technologies AG BSP92P Datasheet HTML 5Page - Infineon Technologies AG BSP92P Datasheet HTML 6Page - Infineon Technologies AG BSP92P Datasheet HTML 7Page - Infineon Technologies AG BSP92P Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2002-07-25
Page 6
Preliminary data
BSP 92 P
9 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = -0.26 A, VGS = -10 V
-60
-20
20
60
100
°C
180
Tj
0
4
8
12
16
20
24
Ω
32
BSP 92 P
typ
98%
10 Gate threshold voltage
VGS(th) = f (Tj)
parameter: VGS = VDS ; ID = -130µA
-60
-20
20
60
100
°C
160
Tj
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
V
2.2
2%
typ.
98%
11 Typ. capacitances
C = f (VDS)
parameter: VGS=0, f=1 MHz, Tj = 25 °C
0
6
12
18
24
V
36
-VDS
0
10
1
10
2
10
3
10
pF
Ciss
Coss
Crss
12 Forward character. of reverse diode
IF = f (VSD)
parameter: Tj
0
-0.4
-0.8
-1.2
-1.6
-2
-2.4
V
-3
VSD
-2
-10
-1
-10
0
-10
1
-10
A
BSP 92 P
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com