| Electronic Components Datasheet Search |
|
USB3500 Datasheet(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3500 Datasheet(HTML) 43 Page - Microchip Technology |
|
43 / 45 page ![]() 2005 - 2016 Microchip Technology Inc. DS00002103A-page 43 USB3500 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: USB3500 Temperature Range: Blank = 0 C to+85C (Commercial) Package: ABZJ = 56-pin QFN Tape and Reel Option: Blank = Standard packaging (tray) TR = Tape and Reel(1) Example: a) USB3500-ABZJ 56-pin QFN RoHS Compliant Package Commercial Temperature, Tray Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. Reel size is 4,000. PART NO. [X] XXX Package Temperature Range Device [X](1) Tape and Reel Option - - |