Electronic Components Datasheet Search
  English  ▼

X  

BSP320S Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP320S
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP320S Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP320S Datasheet HTML 1Page - Infineon Technologies AG BSP320S Datasheet HTML 2Page - Infineon Technologies AG BSP320S Datasheet HTML 3Page - Infineon Technologies AG BSP320S Datasheet HTML 4Page - Infineon Technologies AG BSP320S Datasheet HTML 5Page - Infineon Technologies AG BSP320S Datasheet HTML 6Page - Infineon Technologies AG BSP320S Datasheet HTML 7Page - Infineon Technologies AG BSP320S Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
1
05.99
SIPMOS
® Small-Signal-Transistor
Product Summary
Drain source voltage
VDS
60
V
Drain-Source on-state resistance
RDS(on) 0.12 Ω
Continuous drain current
ID
2.9
A
Features
• N channel
• Enhancement mode
• Avalanche rated
• dv/dt rated
VPS05163
1
2
3
4
Type
Package
Ordering Code
BSP320S
SOT-223
Q67000-S4001
Pin 1
Pin 2/4
Pin 3
G
D
S
Maximum Ratings , at Tj = 25 ˚C, unless otherwise specified
Parameter
Symbol
Unit
Value
A
ID
2.9
Continuous drain current
Pulsed drain current
TA = 25 ˚C
IDpulse
11.6
EAS
60
Avalanche energy, single pulse
ID = 2.9 A, VDD = 25 V, RGS = 25 Ω
mJ
A
2.9
IAR
Avalanche current,periodic limited by
Tjmax
Avalanche energy, periodic limited by
Tjmax
0.18
EAR
mJ
d
v/dt
6
Reverse diode d
v/dt
IS = 2.9 A, VDS = 20 V, di/dt = 200 A/µs,
Tjmax = 150 ˚C
kV/µs
V
Gate source voltage
VGS
±20
Power dissipation
TA = 25 ˚C
Ptot
1.8
W
Operating temperature
Tj
-55 ... +150
˚C
Storage temperature
Tstg
-55 ... +150
IEC climatic category; DIN IEC 68-1
55/150/56
BSP 320S


Similar Part No. - BSP320S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP320S SIEMENS-BSP320S Datasheet
130Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
logo
Infineon Technologies A...
BSP320S INFINEON-BSP320S Datasheet
460Kb / 9P
SIPMOS Small-Signal-Transistor
Rev 2.3 2008-03-26
BSP320S INFINEON-BSP320S_08 Datasheet
460Kb / 9P
SIPMOS Small-Signal-Transistor
Rev 2.3 2008-03-26
More results

Similar Description - BSP320S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
SIPMOS Small-Signal-Transistor
2002-01-16
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-26
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
SIPMOS Small-Signal-Transistor
05.99
logo
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
SIPMOS Small-Signal Transistor
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
SIPMOS Small-Signal-Transistor
2006-08-25
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
SIPMOS??Small-Signal-Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com