Electronic Components Datasheet Search
  English  ▼

X  

BSP320 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP320
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP320 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BSP320 Datasheet HTML 1Page - Infineon Technologies AG BSP320 Datasheet HTML 2Page - Infineon Technologies AG BSP320 Datasheet HTML 3Page - Infineon Technologies AG BSP320 Datasheet HTML 4Page - Infineon Technologies AG BSP320 Datasheet HTML 5Page - Infineon Technologies AG BSP320 Datasheet HTML 6Page - Infineon Technologies AG BSP320 Datasheet HTML 7Page - Infineon Technologies AG BSP320 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BSP 320S
Data Sheet
6
05.99
Typ. output characteristics
ID = f (VDS)
parameter:
tp = 80 µs
0.0
0.5 1.0
1.5 2.0
2.5 3.0
3.5 4.0
V
5.0
VDS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
A
7.0
BSP320S
V
GS
[V]
a
a
4.0
b
b
4.5
c
c
5.0
d
d
5.5
e
e
6.0
f
f
6.5
g
g
7.0
h
h
7.5
i
i
8.0
j
j
9.0
k
k
10.0
l
Ptot = 2W
l
20.0
Drain-source on-resistance
RDS(on) = f (Tj)
parameter :
ID = 2.9 A, VGS = 10 V
-60
-20
20
60
100
˚C
180
Tj
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
Ω
0.30
BSP320S
typ
98%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com