Electronic Components Datasheet Search
  English  ▼

X  

L6362A Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6362A
Description  IO-Link communication transceiver device IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6362A Datasheet HTML 7Page - STMicroelectronics L6362A Datasheet HTML 8Page - STMicroelectronics L6362A Datasheet HTML 9Page - STMicroelectronics L6362A Datasheet HTML 10Page - STMicroelectronics L6362A Datasheet HTML 11Page - STMicroelectronics L6362A Datasheet HTML 12Page - STMicroelectronics L6362A Datasheet HTML 13Page - STMicroelectronics L6362A Datasheet HTML 14Page - STMicroelectronics L6362A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
L6362A
Absolute maximum ratings
DocID027660 Rev 4
11/37
Table 5: Thermal data
Symbol
Parameter
Value
Unit
Rth(JC)
Thermal resistance junction-case
2.5
°C/W
Rth(JA)
Thermal resistance junction-ambient.
(FR4, Cu thick. 35 µm, 2 layers, the
exposed pad is not soldered to total
exposed area = 5 mm2)
200
Thermal resistance junction-ambient.
(FR4, Cu thick. 35 µm, 2 layers, the
exposed pad is soldered to total exposed
area = 5 mm2)
100
Thermal resistance junction-ambient.
(FR4, Cu thick. 35 µm, 2 layers, the
exposed pad has to be soldered to total
exposed area = 100 mm2 with vias )
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com