| Electronic Components Datasheet Search |
|
L9663-1 Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9663-1 Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 104 page ![]() Satellite interface L9663 32/104 DocID028693 Rev 1 If a channel fault occurs, the content of every sensor buffer is affected regardless the moment inside the timeslots cycle in which the fault occurs. This value will be held until the fault is cleared (reading the appropriate bit in the Status Register) or a fault with higher priority occurs. In asynchronous communication mode a six stages FIFO is implemented: the newest data is always in the data buffer range corresponding to sensor no. 1, the oldest data is in the data buffer range corresponding to sensor no. 6. When the buffer is full, the FIFO shifts the incoming data to keep always the newest data. As soon as the first data is read by SPI, the FIFO will be locked to writing, until it is emptied(e). This situation is reported through SPI bit FIFO_LCK. Figure 17. Sensor buffer in asynchronous mode diagram If a fault occurs and FIFO is unlocked, the correspondent code is written in the FIFO buffer at the current position; if more than one fault occurs at the same time the fault with the highest priority is written in the FIFO. In both synchronous and asynchronous mode, when a valid data is read, the buffer empty code 1F0 is written in the buffer. e. For the lock of the FIFO see errata n.1526, Section 7: Errata. Table 8. Time (t0-t7) vs SensorData Time/Sensor t0 t1 t2 t3 t4 t5 t6 t7 SensorData1 Buffer Empty D1 D2 D3 D4 D5 D6 D7 SensorData2 Buffer Empty Buffer Empty D1 D2 D3 D4 D5 D6 SensorData3 Buffer Empty Buffer Empty Buffer Empty D1 D2 D3 D4 D5 SensorData4 Buffer Empty Buffer Empty Buffer Empty Buffer Empty D1 D2 D3 D4 SensorData5 Buffer Empty Buffer Empty Buffer Empty Buffer Empty Buffer Empty D1 D2 D3 SensorData6 Buffer Empty Buffer Empty Buffer Empty Buffer Empty Buffer Empty Buffer Empty D1 D2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |