Electronic Components Datasheet Search
  English  ▼

X  

R5973ADTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # R5973ADTR
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973ADTR Datasheet(HTML) 4 Page - STMicroelectronics

  R5973ADTR Datasheet HTML 1Page - STMicroelectronics R5973ADTR Datasheet HTML 2Page - STMicroelectronics R5973ADTR Datasheet HTML 3Page - STMicroelectronics R5973ADTR Datasheet HTML 4Page - STMicroelectronics R5973ADTR Datasheet HTML 5Page - STMicroelectronics R5973ADTR Datasheet HTML 6Page - STMicroelectronics R5973ADTR Datasheet HTML 7Page - STMicroelectronics R5973ADTR Datasheet HTML 8Page - STMicroelectronics R5973ADTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Pin settings
R5973AD
4/38
DocID027027 Rev 1
1
Pin settings
1.1
Pin connection
Figure 1. Pin connection (top view)
1.2
Pin description
Table 1. Pin description
No.
Pin
Description
1
OUT
Regulator output.
2
SYNCH
Master/slave synchronization.
3INH
A logical signal (active high) disables the device. If INH not used the pin
must be grounded. When it is open an internal pull-up disables the
device.
4
COMP
E/A output for frequency compensation.
5FB
Feedback input. Connecting directly to this pin results in an output
voltage of 1.23 V. An external resistive divider is required for higher
output voltages.
6
VREF
3.3 V VREF. No cap is requested for stability.
7
GND
Ground.
8
VCC
Unregulated DC input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com