Electronic Components Datasheet Search
  English  ▼

X  

54ACTQ646 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ646
Description  Quiet Series Octal Transceiver/Register with 3-STATE Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ646 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ646 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ646 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ646 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ646 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ646 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ646 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ646 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ646 Datasheet HTML 8Page - National Semiconductor (TI) 54ACTQ646 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
54ACTQ646
Quiet Series Octal Transceiver/Register with 3-STATE
Outputs
General Description
The ACTQ646 consist of registered bus transceiver circuits,
with outputs, D-type flip-flops, and control circuitry providing
multiplexed transmission of data directly from the input bus
or from the internal storage registers. Data on the A or B bus
will be loaded into the respective registers on the
LOW-to-HIGH transition of the appropriate clock pin (CPAB
or CPBA). The four fundamental handling functions available
are illustrated in
Figures 1, 2, 3, 4.
The ACTQ utilizes FSC Quiet Series technology to guaran-
tee quiet output switching and improved dynamic threshold
performance. FACT Quiet Series™ features GTO™ output
control and undershoot corrector in addition to a split ground
bus for superior performance.
Features
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Independent registers for A and B busses
n Multiplexed real-time and stored data transfers
n 300 mil slim dual-in-line package
n Outputs source/sink 24 mA
n Faster prop delays than the standard AC/ACT646
n 4 kV minimum ESD immunity
n Standard Microcircuit Drawing (SMD) 5962-9219601
Logic Symbols
Pin Descriptions
Pin Names
Description
A
0–A7
Data Register A Inputs
Data Register A Outputs
B
0–B7
Data Register B Inputs
Data Register B Outputs
CPAB,
CPBA
Clock Pulse Inputs
SAB, SBA
Transmit/Receive Inputs
GTO™ is a trademark of National Semiconductor Corporation
FACT™ and FACT Quiet Series™ are trademarks of Fairchild Semiconductor Corporation
DS100326-1
IEEE/IEC
DS100326-2
September 1998
© 1998 National Semiconductor Corporation
DS100326
www.national.com


Similar Part No. - 54ACTQ646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACTQ646 TI1-54ACTQ646 Datasheet
231Kb / 11P
54ACTQ646 Quiet Series Octal Transceiver/Register with 3-STATE Outputs
More results

Similar Description - 54ACTQ646

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
Octal Transceiver/Register with 3-STATE Outputs
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
Octal Transceiver/Register with 3-STATE Outputs
74ACQ543 FAIRCHILD-74ACQ543 Datasheet
93Kb / 9P
Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
54ACQ646 TI1-54ACQ646 Datasheet
231Kb / 11P
54ACTQ646 Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com