Electronic Components Datasheet Search
  English  ▼

X  

BSP452 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP452
Description  MiniPROFET(N-channel vertical power FET with charge pump)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP452 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP452 Datasheet HTML 1Page - Infineon Technologies AG BSP452 Datasheet HTML 2Page - Infineon Technologies AG BSP452 Datasheet HTML 3Page - Infineon Technologies AG BSP452 Datasheet HTML 4Page - Infineon Technologies AG BSP452 Datasheet HTML 5Page - Infineon Technologies AG BSP452 Datasheet HTML 6Page - Infineon Technologies AG BSP452 Datasheet HTML 7Page - Infineon Technologies AG BSP452 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
miniPROFET® BSP 452
Data Book
1
20.08.96
• High-side switch
• Short-circuit protection
• Input protection
• Overtemperature protection with hysteresis
• Overload protection
• Overvoltage protection
• Switching inductive load
• Clamp of negative output voltage with inductive loads
• Undervoltage shutdown
• Maximum current internally limited
• Electrostatic discharge (ESD) protection
• Reverse battery protection1)
Package: SOT 223
Type
Ordering code
BSP 452
Q67000-S271
Application
• µC compatible power switch for 12 V DC grounded loads
• All types of resistive, inductive and capacitive loads
• Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input,monolithically
integrated in Smart SIPMOS technology. Fully protected by embedded protection functions.
Blockdiagramm:
IN
3
R
in
+ Vbb
Signal GND
ESD
miniPROFET
OUT
GND
Logic
Voltage
sensor
Voltage
source
Charge pump
Level shifter
Temperature
sensor
Rectifier
Limit for
unclamped
ind. loads
Gate
protection
Current
limit
2
4
1
Load GND
Load
VLogic
Overvoltage
protection
ESD-
Diode
1) With resistor RGND=150 Ω in GND connection, resistor in series with IN connections reverse load current
limited by connected load.
SOT-223
SOT-223
1


Similar Part No. - BSP452

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP452 SIEMENS-BSP452 Datasheet
69Kb / 8P
MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
logo
Infineon Technologies A...
BSP452 INFINEON-BSP452 Datasheet
189Kb / 10P
Smart High-Side Power Switch
V1.0, 2007-05-25
BSP452-E6327 INFINEON-BSP452-E6327 Datasheet
924Kb / 8P
miniPROFET BSP 452
20.08.96
BSP452 INFINEON-BSP452_07 Datasheet
189Kb / 10P
Smart High-Side Power Switch
V1.0, 2007-05-25
More results

Similar Description - BSP452

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616 Datasheet
537Kb / 14P
6-Channel Charge Pump LED Driver with EZDimTM
CAT3616 CATALYST-CAT3616_08 Datasheet
368Kb / 14P
6-Channel Charge Pump LED Driver with EZDimTM
logo
Sanyo Semicon Device
LV56081GP SANYO-LV56081GP Datasheet
101Kb / 7P
Charge Pump Power Supply
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
3 channel LED driver with Charge Pump
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
CS5230E YONGFUKANG-CS5230E Datasheet
2Mb / 10P
Charge Pump
logo
Nexperia B.V. All right...
74CB3Q3253 NEXPERIA-74CB3Q3253 Datasheet
220Kb / 17P
Dual 1-of-4 FET multiplexer/demultiplexer with charge pump
logo
Mitsumi Electronics, Co...
MM3746 MITSUMI-MM3746 Datasheet
201Kb / 3P
N channel high side FET drive by charge pump
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com