Electronic Components Datasheet Search
  English  ▼

X  

RHFLVDS2281 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHFLVDS2281
Description  Rad-hard, dual 4x4 crosspoint switch LVDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS2281 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHFLVDS2281 Datasheet HTML 5Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 6Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 7Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 8Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 9Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 10Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 11Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 12Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID027588 Rev 1
9/17
RHFLVDS2281
Electrical characteristics
17
DVOS
Change of magnitude of VOS for
complementary output states
25
mV
IOS
Output short-circuit current
VID = -400 mV and VOUT- = 0 V
VID = +400 mV and VOUT+ = 0 V
-9
mA
IOZ
High impedance output current
Disabled, VOUT = 3.6 V or 0V
-10
10
µA
IOFFOUT
LVDS outputs power-off leakage
current
VCC = 0 V, VOUT = 3.6 V
-50
+50
TS
Input to SL setup time(3)
Refer to Figure 5
1.6
ns
TH
Input to SL Hold time(3)
1.5
TSw
SL to Switched output(3)
5
tPHLD
Propagation delay time, high to
low
VID = 200 mVp-p, input pulse from
1.1 V to 1.3 V, VCM=1.2 V
Load: refer to Figure 3
1.5
4
tPLHD
Propagation delay time, low to
high
1.5
4
tSK1
Channel to channel skew(3)(4)
VID = 200 mVp-p
Load: refer to Figure 6
0.6
tSK2
Chip to chip skew(3)(5)
0.7
tSKD
Differential skew(6)
(tPHLD-tPLHD)
0.6
t r
Output signal rise time
Refer to Figure 4
0.9
t f
Output signal fall time
0.9
tPLZ
Propagation delay time, low
level to high impedance output
Refer to Figure 6
2.8
tPHZ
Propagation delay time, high
level to high impedance output
2.8
tPZH
Propagation delay time, high
impedance to high level output
2.5
tPZL
Propagation delay time, high
impedance to low level output
2.5
Fail-safe and cold-spare
tD1
Fail-safe to active time
1
µs
tD2
Active to fail-safe time
1
1. Guaranteed by characterization on bench.
2. All pins are floating except pin under test and VCC.
3. Guaranteed by design.
4. tSK1 is the maximum delay time difference between drivers on the same device (with all inputs connected together).
5. tSK2 is the maximum delay time difference between outputs of all devices when they operate with the same supply voltage,
at the same temperature.
6. tSKD is the maximum delay time difference between tPHLD and tPLHD (see Figure 4).
Table 7. Electrical characteristics table (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com