Electronic Components Datasheet Search
  English  ▼

X  

RTP315N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RTP315N10F7
Description  Aerospace and defense N-channel 100 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RTP315N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  RTP315N10F7 Datasheet HTML 1Page - STMicroelectronics RTP315N10F7 Datasheet HTML 2Page - STMicroelectronics RTP315N10F7 Datasheet HTML 3Page - STMicroelectronics RTP315N10F7 Datasheet HTML 4Page - STMicroelectronics RTP315N10F7 Datasheet HTML 5Page - STMicroelectronics RTP315N10F7 Datasheet HTML 6Page - STMicroelectronics RTP315N10F7 Datasheet HTML 7Page - STMicroelectronics RTP315N10F7 Datasheet HTML 8Page - STMicroelectronics RTP315N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
September 2014
DocID026884 Rev 1
1/13
RTP315N10F7
Aerospace and defense N-channel 100 V, 2.3 m
Ω typ., 180 A
STripFET™ F7 Power MOSFET in a TO-220 package
Datasheet
- target specification
Figure 1. Internal schematic diagram
Features
• Intended for use in aerospace and defense
applications
• Dedicated traceability and part marking
• Production parts approval documents available
• Adapted extended life time and obsolescence
management
• Extended product change notification process
• Designed and manufactured to meet sub ppm
quality goals
• Extended screening capability on request
• Ultra low on-resistance
• 100% avalanche tested
Applications
• Switching applications
Description
This N-channel Power MOSFET utilizes the
STripFET™ F7 technology with enhanced trench-
gate structure that result in very low on-state
resistance while also reducing internal
capacitances and gate charge for faster and very
efficient switching.
1
2
3
TAB
TO-220
Order code
VDS
RDS(on) max.
ID
RTP315N10F7
100 V
2.7 m
Ω
180 A
Table 1. Device summary
Order code
Marking
Package
Packaging
RTP315N10F7
R315N10F7
TO-220
Tube
www.st.com


Similar Part No. - RTP315N10F7

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
RTP350HVEAA HONEYWELL-RTP350HVEAA Datasheet
1Mb / 10P
Hall-effect Rotary Position Sensors
RTP350HVNAA HONEYWELL-RTP350HVNAA Datasheet
1Mb / 10P
Hall-effect Rotary Position Sensors
RTP350LVEAA HONEYWELL-RTP350LVEAA Datasheet
1Mb / 10P
Hall-effect Rotary Position Sensors
RTP350LVNAA HONEYWELL-RTP350LVNAA Datasheet
1Mb / 10P
Hall-effect Rotary Position Sensors
More results

Similar Description - RTP315N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N6642U STMICROELECTRONICS-1N6642U Datasheet
85Kb / 7P
Aerospace 0.3 A - 100 V switching diode
23-Sep-2011
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
25-Mar-2010
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
logo
List of Unclassifed Man...
W58-124-9019910 ETC2-W58-124-9019910 Datasheet
1Mb / 28P
Aerospace, Broadcast, Computers Systems, Defense Electronics
logo
Vicor Corporation
V48B2C100BL VICOR-V48B2C100BL Datasheet
766Kb / 11P
Distributed power, medical, ATE, communications, defense, aerospace.
logo
List of Unclassifed Man...
MIL-STD-810F ETC2-MIL-STD-810F Datasheet
1Mb / 16P
Defense and Military Antennas
logo
STMicroelectronics
RPC56EL60L5 STMICROELECTRONICS-RPC56EL60L5 Datasheet
2Mb / 137P
microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
23-Sep-2014
logo
Power System Technology
PST08 PST-PST08 Datasheet
232Kb / 4P
Designed for industrial and defense, naval applications
logo
Laird Tech Smart Techno...
ECCOSTOCK-SH LSTD-ECCOSTOCK-SH Datasheet
114Kb / 2P
Security and Defense
logo
VBsemi Electronics Co.,...
VBA5102M VBSEMI-VBA5102M Datasheet
1,000Kb / 14P
N- and P-Channel 100 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com