Electronic Components Datasheet Search
  English  ▼

X  

SCOCXO Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # SCOCXO
Description  HC-MOS output Up to 54 MHz Tight stability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

SCOCXO Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  SCOCXO Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND SCOCXO Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND SCOCXO Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
SCOCXO familypackageDIL14
HC-MOS output Up to 54 MHz Tight stability
20.20
15.24
1
7
8
14
0.46
10.7
Package:
All dimensions in mm typical
DESCRIPTION:
This DIL 14 package has been specially designed for the applications:
- Digital switching
- Telecom transmission
- Sonet / SDH / DWDM / FDM/36 / WIMAX
- Airbone equipments
- Battery operated systems
- Instrumentation
- Radio Transceiver
The OCXO are supplied on trays (50 pcs/tray).
Oven control quartz crystal oscillator
Fundamental mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Customer specification on request
Very fast warm up
Low power consumption
Swiss made quality
ELECTRICAL
CHARACTERISTICS 25°C
Frequency versus temperature
A: 0 to +60°C
B: -20 to +70°C
C: -40 to +85°C
E: -55 to +85°C
ΔF/F
see table 1
(without air flow)
Frequency long term aging
1)
long term aging 10 years
long term aging 1st year
ΔF/F
< ± 2.5
≤ ± 0.3
ppm
Frequency control range
Vc
≥ ± 2.5 (see table 3)
ppm
Supply voltage
Vdd
3.3 / 5 / 12
V
Input current
Idd
see table 2
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time (without load)
≤7
nS
Level "0" & "1"
<0.4V> Vcc-0.5
V
Start-up time
t
<5
ms
Load min / max
3/47
pF
Frequency stability versus load ± 10% ΔF/F
≤ ± 10
ppb
Warm-up within ± 0.1 ppm at 25°C
Vdd
3.3
5
12
V
t
≤ 120
≤ 60
≤ 30
s
Stability versus Vdd
ΔF/F
< ± 0.1
ppm
Short term stability 0.1 to 30s
5E-11 typ at 1s
Tau
< 1
E-10
Phase noise typical at 10 MHz
Static conditions
BW = 1Hz
10Hz
100Hz
1 kHz
10 kHz
3.3 / f5V
12V
dBc/
Hz
-100
-130
-140
-145
-90
-120
-130
-135
RoHScompliant:
Pin out
Pin 1 = Voltage control
Pin 7 = GND
Pin 8 = Fout
Pin 14 = Vdd
1) <± 1 E-9 / day after 30 days operating


Similar Part No. - SCOCXO

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOH GOLLEDGE-SCOCXOH Datasheet
138Kb / 2P
3.3 & 5.0V OCXO CMOS Output Low Phase Noise
logo
MICORO CRYSTAL SWITZERL...
SCOCXOH MICROCRYSTAL-SCOCXOH Datasheet
329Kb / 3P
family package DIL 14
logo
Golledge Electronics Lt...
SCOCXOHS GOLLEDGE-SCOCXOHS Datasheet
149Kb / 2P
3.3 & 5.0V OCXO Sine Output Low Phase Noise
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS Datasheet
330Kb / 3P
family package DIL 14
logo
Golledge Electronics Lt...
SCOCXOHSV GOLLEDGE-SCOCXOHSV Datasheet
558Kb / 5P
5V Sine Output OCXO
More results

Similar Description - SCOCXO

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOVS GOLLEDGE-SCOCXOVS Datasheet
149Kb / 2P
5V OCXO Sine Output Tight Stability
logo
MICORO CRYSTAL SWITZERL...
OCXOST MICROCRYSTAL-OCXOST Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
SCOCXOS MICROCRYSTAL-SCOCXOS Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
logo
Golledge Electronics Lt...
SCOCXOT GOLLEDGE-SCOCXOT_15 Datasheet
150Kb / 2P
12V OCXO CMOS Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_16 Datasheet
142Kb / 2P
3.3V OCXO Sine Output Tight Stability
logo
MICORO CRYSTAL SWITZERL...
OCXO MICROCRYSTAL-OCXO_16 Datasheet
323Kb / 3P
HC-MOS output from 10 kHz up to 54 MHz
SCOCXO MICROCRYSTAL-SCOCXO_16 Datasheet
325Kb / 3P
HC-MOS output Up to 54 MHz Tight stability
SCOCXOH MICROCRYSTAL-SCOCXOH_17 Datasheet
329Kb / 3P
HC-MOS output 10 to 120 MHz
SCOCXOS MICROCRYSTAL-SCOCXOS_16 Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
logo
Golledge Electronics Lt...
SCOCXOT GOLLEDGE-SCOCXOT_18 Datasheet
556Kb / 5P
12V CMOS Output Tight Stability OCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com