Electronic Components Datasheet Search
  English  ▼

X  

M37733EHBFS Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M37733EHBFS
Description  PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37733EHBFS Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M37733EHBFS Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37733EHBFS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
M37733EHBXXXFP
M37733EHBFS
PROM VERSION OF M37733MHBXXXFP
Symbol
Parameter
td(E–DQ)
th(E–DQ)
Address output delay time
Address output delay time
Address hold time
ALE pulse width
Address output setup time
Address hold time
ALE output delay time
Memory expansion mode and microprocessor mode
(VCC = 5 V ± 10%, VSS = 0 V, Ta = 25 °C, f(XIN) = 25 MHz (Note 1), unless otherwise noted)
Limits
Wait mode
Min.
Max.
Test
conditions
Unit
45
5
12
87
12
75
18
22
57
5
45
9
15
4
10
18
50
130
20
12
87
12
87
18
18
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
td(An–E)
td(A–E)
td(ALE–E)
th(E–An)
tw(ALE)
tsu(A–ALE)
th(ALE–A)
tw(EL)
Data output delay time
Data hold time
_
E
pulse width
Floating start delay time
Floating release delay time
___
BHE
output delay time
_
R/ W output delay time
___
BHE
hold time
_
R/ W hold time
Fig. 5
(Note 2)
φ1 output delay time
tpxz(E–DZ)
tpzx(E–DZ)
td(BHE–E)
td(R/W–E)
th(E–BHE)
th(E–R/W)
td(E–
φ1)
td(
φ1–HLDA)
018
50
Notes 1. This applies when the main clock division selection bit = “0” and f(f2) = 12.5 MHz.
2. No wait : Wait bit = “1”.
Wait 1 : The external memory area is accessed with wait bit = “0” and wait selection bit = “1”.
Wait 0 : The external memory area is accessed with wait bit = “0” and wait selection bit = “0”.
____
HLDA
output delay time
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com