Electronic Components Datasheet Search
  English  ▼

X  

STD45P4LLF6AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD45P4LLF6AG
Description  High avalanche ruggedness
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD45P4LLF6AG Datasheet(HTML) 3 Page - STMicroelectronics

  STD45P4LLF6AG Datasheet HTML 1Page - STMicroelectronics STD45P4LLF6AG Datasheet HTML 2Page - STMicroelectronics STD45P4LLF6AG Datasheet HTML 3Page - STMicroelectronics STD45P4LLF6AG Datasheet HTML 4Page - STMicroelectronics STD45P4LLF6AG Datasheet HTML 5Page - STMicroelectronics STD45P4LLF6AG Datasheet HTML 6Page - STMicroelectronics STD45P4LLF6AG Datasheet HTML 7Page - STMicroelectronics STD45P4LLF6AG Datasheet HTML 8Page - STMicroelectronics STD45P4LLF6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STD45P4LLF6AG
Electrical ratings
DocID027807 Rev 2
3/16
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
-40
V
VGS
Gate-source voltage
±18 V
V
ID
Drain current (continuous) at Tcase = 25 °C
-50
A
Drain current (continuous) at Tcase = 100 °C
-31
IDM(1)
Drain current (pulsed)
-200
A
PTOT
Total dissipation at Tcase = 25 °C
58
W
EAS(2)
Single pulse avalanche energy
160
mJ
Tstg
Storage temperature
–55 to 150
°C
Tj(3)
Operating junction temperature
Notes:
(1) Pulse width is limited by safe operating area.
(2) starting Tj = 25 °C, RG = 47 Ω, ID(min) = -25 A.
(3) HTRB performed at Tj = 175 °C, VDS = 100% V(BR)DSS.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
2.14
°C/W
Rthj-amb
Thermal resistance junction-ambient
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com